Electronic Components Datasheet Search
  English  ▼

X  

FTB1132 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB1132
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB1132 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB1132 Datasheet HTML 1Page - First Silicon Co., Ltd FTB1132 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015. 08. 11
1/2
Revision No : 0
FTB1132
-0.1
-1
-10
1
10
100
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-1
-10
-100
-1000
-500
-750
-1000
-1
-10
-100
-1000
-10
-100
-1
-10
-100
10
100
-1
-10
-100
-1000
10
100
1000
-0
-4
-8
-12
-16
-20
-0
-200
-400
-600
-800
-1000
-0
-300
-600
-900
-1200
-1
-10
-100
-1000
-20
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE V (V)
AMB ENT TEMPERATURE T
( )
℃
P
C
——
T
a
I
C
h
FE
——
I
C
f
T
——
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-400
COMMON EMITTER
V
CE=-5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
300
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=-3V
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
V
CE
I
C
——
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-5mA
-4 5mA
-4mA
-3.5mA
-3mA
-2 5mA
-2mA
-1.5mA
-1mA
I
B=-0.5mA
BASE-EMMITER VOLTAGE V
BE (mV)
COMMON EMITTER
V
CE=-6V
V
BE
I
C
——
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com