Electronic Components Datasheet Search
  English  ▼

X  

FTB1386 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB1386
Description  Excellent DC current gain characteristics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB1386 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB1386 Datasheet HTML 1Page - First Silicon Co., Ltd FTB1386 Datasheet HTML 2Page - First Silicon Co., Ltd FTB1386 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTB1386
2012. 01. 13
1/3
Revision No : 0
FTB1386 FEATURES
Excellent DC current gain characteristics
Complements the FTD2098
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Low collector saturation voltage
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-6
V
IC
ContinuousCollector Current
-5
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
ICP*
Pulsed Collector Current
-10
A
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50
μA,IE
0
3
-
0
=
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB
0
2
-
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50
μA,IC
6
-
0
=
V
Collector cut-off current
ICBO
VCB=-20V,IE 0
=
-0.5
μA
Emitter cut-off current
IEBO
VEB=-5V,IC 0
=
-0.5
μA
DC current gain
hFE
VCE=-2V,IC=-500mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-4A,IB
A
m
0
0
1
-
=
-1
V
Transition frequency
fT
VCE=-6V,IC=-50mA,f=30MHz
120
MHz
Collector output capacitance
Cob
VCB=-20V,IE=0,f=1MHz
60
pF
CLASSIFIC ATION OF hFE
Rank
R
Q
P
Range
0
9
3
-
0
8
1
0
7
2
-
0
2
1
0
8
1
-
2
8
Marking
R
H
B
Q
H
B
P
H
B
*Single pulse,Pw=10ms
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - FTB1386

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB1366F FS-FTB1366F Datasheet
322Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - FTB1386

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SD2098 HTSEMI-2SD2098 Datasheet
806Kb / 3P
Excellent DC current gain characteristics Complements the 2SB1386
logo
New Jersey Semi-Conduct...
2N5611 NJSEMI-2N5611 Datasheet
71Kb / 2P
DC Current Gain-
logo
Inchange Semiconductor ...
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
High DC current gain.
logo
Unisonic Technologies
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
high DC current gain
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
High DC current gain
logo
First Silicon Co., Ltd
FTD2098 FS-FTD2098 Datasheet
245Kb / 3P
Excellent DC current gain characteristics
logo
SHIKUES Electronics
2SC3052 SKTECHNOLGY-2SC3052 Datasheet
2Mb / 3P
Excellent linearity of DC forward current gain
2SD2098 SKTECHNOLGY-2SD2098 Datasheet
3Mb / 4P
Excellent DC current gain characteristics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
Excellent HFE Linearity, High DV current gain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com