Electronic Components Datasheet Search
  English  ▼

X  

122303MB Datasheet(PDF) 1 Page - Adels-Contact

Part # 122303MB
Description  500/ 3 31 MDS printed "N Earth L"||" "1205347
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

122303MB Datasheet(HTML) 1 Page - Adels-Contact

  122303MB Datasheet HTML 1Page - Adels-Contact 122303MB Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02/2020
Screw Connectors
500/ 3 31 MDS printed "N Earth L"
Terminal Block, 3 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Mounting Hole
Diameter: 3.1 mm, Centre Stop (MDS): yes, Fixing: Screw, Voltage
Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
122303MB
Applications
Lighting, Installation, Electrical Appliances, Transformers
PU
1,000
EAN
4028012117918
Type
Type
Terminal Block
Number of poles
3 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Printing
N Earth L
Centre Stop (MDS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Mounting Hole Diameter
3.1 mm
Pin Spacing
10.0 mm


Similar Part No. - 122303MB

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
122303M ADELS-122303M Datasheet
118Kb / 2P
500/ 3 31 MDS
More results

Similar Description - 122303MB

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
122203B ADELS-122203B Datasheet
118Kb / 2P
500/ 3 31 printed "N Earth L"||" "1199759
500/ 4 31
122303B ADELS-122303B Datasheet
137Kb / 2P
500/ 3 31 DS printed "N Earth L"||" "1199785
500/ 4 31 DS
122305B4 ADELS-122305B4 Datasheet
113Kb / 2P
500/ 5 31 DS printed "L Earth N 1 2"||" "1199788
500/ 6 31 DS
123203B ADELS-123203B Datasheet
137Kb / 2P
500/ 3 35 printed "N Earth L"||" "1200172
500/ 4 35
123603B ADELS-123603B Datasheet
113Kb / 2P
500 K/ 3 35 printed "L Earth N"||" "1200572
500 K/ 4 35
124203B ADELS-124203B Datasheet
113Kb / 2P
500 RZ/ 3 printed "L Earth N"||" "1200798
500 RZ/ 4
124403B ADELS-124403B Datasheet
118Kb / 2P
500 LRZ/ 3 printed "L Earth N"||" "1201123
500 LRZ/ 4
124803B ADELS-124803B Datasheet
118Kb / 2P
500 SK II/ 3 printed "L Earth N"||" "1201160
500 SK II/ 4
122303M ADELS-122303M Datasheet
118Kb / 2P
500/ 3 31 MDS
123303MB ADELS-123303MB Datasheet
142Kb / 2P
500/ 3 35 MDS printed "L Earth N"||" "1205628
500/ 4 35 MDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com