Electronic Components Datasheet Search
  English  ▼

X  

BLC12 Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BLC12
Description  Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BLC12 Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BLC12 Datasheet HTML 1Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 2Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 3Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 4Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 5Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 6Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 7Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 8Page - Bellnix Co.,Ltd. BLC12 Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
b
6Watt BLC12 Series
1
DC-DC Converter
BDD20170524_A01
The BLC series isolated-type DC-DC converters feature a small package
(23.2x21.1x9.7mm) and light weight (5.4g) capable of 6W output.
As ultralow noise and extremely high efficiency are made possible by a new circuit,
it is ideal for an analog circuit as well as an analog and digital hybrid circuit.
■ Features
- Ultra low noise
- Adjustable Output Voltage
- ON/OFF Control
- Dual power supply usable
as single power supply
- Withstand voltage AC500V
- Over Current Protection Circuit
- No tantalum capacitor or
electrolytic capacitor
- Covered with a metal shield
- Surface Mount Package
- No heat sink needed
- Operating Temp Range
-40°C to +85°C
(Temperature derating
required)
- RoHS Compliant
■Model/Rating
Table 1
Models
BLC Series
Input V
Vdc
Output V
Vdc
Output I
mA
Line Reg.
mV(max.)
Load Reg.
mV(max.)
Ripple
Noise
mVpp(typ.)
Efficiency
%(typ.)
BLC12-05S120
9 to 18
5
0 to 1200
20
40
8
80
BLC12-12S50
12(15)
0 to 500(400)
40
100
8
83
BLC12-12W25
±12(±15)
0 to 250(200)
80
600
8
83
Note 1: Output voltage in parentheses is when Vadj and –Vout are short-circuited.
Note 2: Output current in parentheses is at the maximum output voltage.
Note 3: Ripple noise and efficiency are at 12V input voltage and load rating.
Note 4:
Ripple noise is measured at 20MHz bandwidth, with a multi layered ceramic capacitor with 10μF at
input and 0.47μF at output
■ Specifications
Table 2
Input voltage range
Refer to Table 1
Rated output voltage
5.0V±3%, 12V±3% , ±12V±5% (When Vadj terminal is open)
Adjustable output voltage range
4.75 to 6.0V (5.0V model), 11.4 to 15V (12V model), ±11.4 to ±15V (±12V model)
Line regulation
Refer to Table 1 (Rated output, Input voltage varying in the range of Table 1)
Load regulation
Refer to Table 1 (Rated input/output, Load varying from 0 to 100%, ±output is upon loaded evenly)
Temperature regulation
40mV typ.(5.0V model), 100mV typ. (12V model), 150mV typ. (±12V model)
(Rated input/output, for within ambient temperature range with 100% load at temperature derating)
Ripple noise
Refer to Table 1 (Rated input/output, common temp, measurement frequency bandwidth 20MHz)
Efficiency
80% to 83% typ. (Rated input/output, Common temp., Refer to Table 1)
Over current protection
Operate at 105% or above of rated load current. Auto restart type.
Over voltage protection
None
Under Voltage Lock Out
Yes (Refer page 9)
Input over current protection
Input circuit has a built-in fuse (Refer page 9)
Remote ON/OFF control
Between 2Pin (-Vin) and 3Pin (ON/OFF): Output is ON when open, output is OFF when short.
Standby current
4mA max.
Withstand voltage
Between input and output, input and case, output and case: AC500V/per minute.
Insulation resistance
Between input and output, input and case, output and case: 50MΩ or more (at DC500V)
Capacitance between P and S
Approx. 40 to 90pF (depending on the model)
Operating temp range
Operating temperatures −40°C to +85°C (Refer to temp derating of page4)
Storage temp range
Storage temperatures -40°C to +85°C
Humidity range
20 to 95%R.H. (Max. wet bulb temp 35°C with no condensation)
Storage conditions
Below 30°C/60% R.H. before mounting the converter
Cooling conditions
Natural cooling (install in a well-ventilated place)
Vibration
10 to 55Hz Total amplitude 1.52mmp-p (2H for each of three directions) Sweep time 15 min
Impact
Acceleration 100G (3 times for each of three directions, total 18 times) Duration 6ms
Weight
5.4g typ.
Outer dimensions
W=23.2
L=21.1
H=9.7 typ.(mm)(For dimensional details, refer to the shape and dimensions in the
datasheet)
*The above specifications are provided with rated input/output and ambient temperature 25°C±5°C, unless otherwise specified.
*The contents provided in this datasheet may be changed at any time without prior notice.


Similar Part No. - BLC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLC120J112B4D ETC1-BLC120J112B4D Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
BLC120J112B4D CDE-BLC120J112B4D Datasheet
246Kb / 5P
PCB Mount Power Film Capacitors
logo
List of Unclassifed Man...
BLC120J901B4A ETC1-BLC120J901B4A Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
BLC120J901B4A CDE-BLC120J901B4A Datasheet
246Kb / 5P
PCB Mount Power Film Capacitors
More results

Similar Description - BLC12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSGWI06 MINMAX-MSGWI06 Datasheet
336Kb / 4P
DC/DC CONVERTER 6W, Ultra compact SMD Package
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
DC/DC CONVERTER 6W, Ultra compact DIP Package
MSDWI03 MINMAX-MSDWI03 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
logo
Volgen Kaga Electronics...
VR05-1220LB VOLGEN-VR05-1220LB Datasheet
996Kb / 1P
Ultra Low Noise 3mVpp, Isolated Type DC-DC Converter
logo
Bellnix Co.,Ltd.
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BR-LB BELLNIX-BR-LB Datasheet
184Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BR-S BELLNIX-BR-S Datasheet
218Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BSI-MINI BELLNIX-BSI-MINI Datasheet
224Kb / 1P
Ultra High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BR BELLNIX-BR Datasheet
217Kb / 1P
Low Noise 25mVpp, Isolated Type DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com