Electronic Components Datasheet Search
  English  ▼

X  

1824307 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1824307
Description  PCB terminal block - SPT-SMD 1,5/ 2-V-5,0 R24
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1824307 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1824307 Datasheet HTML 1Page - PHOENIX CONTACT 1824307 Datasheet HTML 2Page - PHOENIX CONTACT 1824307 Datasheet HTML 3Page - PHOENIX CONTACT 1824307 Datasheet HTML 4Page - PHOENIX CONTACT 1824307 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1824307
05/20/2016   Page 1 / 5
PCB terminal block - SPT-SMD 1,5/ 2-V-5,0 R24 - 1824307
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 2,
Connection method: Push-in spring connection, Mounting: SMD soldering, Conductor/PCB connection direction:
90 °, Color: black, Sample values available under SAMPLE SPT...
The illustration shows the 10-position
version
Product Features
■ Time saving push-in connection, tools not required
■ Defined contact force ensures that contact remains stable over the long term
■ Intuitive use through colour coded actuation lever
■ Designed for integration into the SMT soldering process
■ Operation and conductor connection from one direction enable integration into front of device
■ Quick and convenient testing using integrated test option
■ Two soldering spots per position reduce the mechanical strain on the soldering spots
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
200 pc
Weight per Piece (excluding packing)
3.0 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
7.7 mm
Pitch
5.00 mm
Dimension a
5 mm
Width
9 mm


Similar Part No. - 1824307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824308 PHOENIX-1824308 Datasheet
148Kb / 5P
MSTBVA 2,5/20-G-5,08
1824308 PHOENIX-1824308 Datasheet
146Kb / 5P
MSTBA 2,5/20-G-5,08
More results

Similar Description - 1824307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1823191 PHOENIX-1823191 Datasheet
98Kb / 4P
PCB terminal block - SPT-THR 1,5/ 2-V-3,5 P20 R24
1823418 PHOENIX-1823418 Datasheet
95Kb / 4P
PCB terminal block - SPT-THR 1,5/ 2-V-5,0 P20 R24
1823858 PHOENIX-1823858 Datasheet
97Kb / 4P
PCB terminal block - SPT-THR 1,5/ 2-H-5,0 P20 R24
1824080 PHOENIX-1824080 Datasheet
104Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-V-3,5 R24
1824190 PHOENIX-1824190 Datasheet
104Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-V-3,81 R24
1824417 PHOENIX-1824417 Datasheet
104Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-V-5,08 R24
1824527 PHOENIX-1824527 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-H-3,5 R24
1824637 PHOENIX-1824637 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-H-3,81 R24
1824747 PHOENIX-1824747 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-H-5,0 R24
1824857 PHOENIX-1824857 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-H-5,08 R24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com