Electronic Components Datasheet Search
  English  ▼

X  

BSV Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BSV
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BSV Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
1
Bellnix
DC-DC Converter
BDD20150226
BSV Series is a small (33×22.5×7mm), 31.35W output power step-down DC-DC
converter. With ultra-low output voltage from 0.8V, it can support the latest FPGA, DSP,
ASIC applications. High efficiency and ultra-high-speed response with synchronous
rectification have been achieved along with space-saving without external parts. This
product will exceed your expectations in all aspects.
■ Features
・Output Voltage Accuracy ±3.0%
・Amazingly miniaturized
・Ultra-high Efficiency 92%
・Operating Temp Range -40ºC to +85ºC
・Ultra Compact, High Power Density
・High Reliability, High Performance
・Non-isolated type Converter
・Use of the Latest Power-IC
・Built-in Over Current Protection Circuit
・Synchronous rectification
・ON/OFF Control
・RoHS Compliant
・High-speed Response
・Short-circuit, Over Current Protection Circuit
・External Capacitor Not Required
・Adjustable Output Voltage
・Heat Sink Not Required
・DIP, SIP Package
■ Model/Rating
Table 1
Models
BSV Series
Input V
Vdc
Output V
Vdc
Output I
A
Line Reg.
%(typ.)
Load Reg.
%(typ.)
Ripple Noise
mVpp(typ.)
Efficiency
%(typ.)
Package
BSV-3.3S9R5
5.0V
(3.0 to 5.5)
3.3V
(0.8 to 3.3)
0 to 9.5
0.5
0.5
30
92
SIP
BSV-3.3S9R5D
DIP
Note 1: Unless otherwise specified, measured at input voltage 5.0V, output voltage 3.3V, rated output current and ambient temperature
25ºC±5ºC.
Note 2: Efficiency is measured at input voltage 5.0V, output voltage 3.3V, rated output current and ambient temperature 25ºC±5ºC.
Note 3: Potential difference of 0.7V or more is required between input voltage and output voltage. Vin(V)-Vo(V) ≧ 0.7V
Note 4: Ripple noise is measured at 20MHz bandwidth.
Note 5: Depending on the ambient temp. conditions, temperature derating and air flow cooling may be required.
■ Specifications
Table 2
Input voltage range
Refer to Table 1
Rated input voltage
5.0V
Rated output voltage
3.3V
Output voltage initial setting
3.3V (When Trim pin is open)
Adjustable output voltage range
Refer to Table 1
Output voltage accuracy
±3.0% (±0.099V)
Line regulation
Refer to Table 1 (Rated output, input voltage varying in the range of Table 1)
Load regulation
Refer to Table 1 (Rated input/output voltage, load varying from 0 to 100%)
Temp. regulation
±0.02%/ºC typ. (Rated input/output, operating temp varying from -40ºC to +55ºC)
Ripple noise
Refer to Table 1 (Rated input/output, measurement frequency bandwidth 20MHz)
Efficiency
92% typ. (Rated input/output, refer to Table 1)
Turn-on Rise time
1.0ms typ. (Resistance load)
Max. output load capacity
10000µF max.
Over current protection
Yes
Output over voltage protection
None
Remote ON/OFF control
Yes
P-Good output
Yes (Only BSV-3.3S9R5D)
Operating temp range
Operating temperatures -40ºC to +85ºC (Refer to temp derating described separately)
Storage temp range
Storage temperatures -40ºC to +85ºC
Humidity range
20% to 95% R.H. (Max. wet bulb temp 35ºC with no condensation)
Storage conditions
Below 30ºC/60% R.H. before mounting the converter
Cooling conditions
Refer to temp derating shown separately
Vibration
5 to 10Hz total amplitude 10mm (3 directions, 1 hour each), 10 to 55Hz acceleration 2G (3
directions, 1 hour each)
Impact
Acceleration 20G (3 times for each of 3 directions), Impact time 11±5ms
Weight
5g typ.
Outer dimensions
SIP type : W=24.0 L=33.0 H=6.0 (mm) (For dimensional details, refer to the shape and
dimensions shown separately)
DIP type : W=22.25 L=33.0 H=7.0 (mm) (For dimensional details, refer to the shape and
dimensions shown separately)
* The above specifications are provided with rated value, unless otherwise specified.
* The contents provided in this datasheet may be changed at any time without prior notice.


Similar Part No. - BSV

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
BSV PANDUIT-BSV Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
logo
Bellnix Co.,Ltd.
BSV-1.8S4R0NA BELLNIX-BSV-1.8S4R0NA Datasheet
358Kb / 12P
Small Type High-Speed Response POL DC-DC Converter
BSV-1.8S9R5HE BELLNIX-BSV-1.8S9R5HE Datasheet
361Kb / 11P
HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
logo
NXP Semiconductors
BSV-17 PHILIPS-BSV-17 Datasheet
58Kb / 8P
PNP medium power transistors
1997 Apr 22
logo
PATLITE CORPORATION.
BSV-24-W18 PATLITE-BSV-24-W18 Datasheet
1Mb / 16P
Patlite Playlist Editor
Rev. H
More results

Similar Description - BSV

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Bellnix Co.,Ltd.
BSU-1.8S3R0 BELLNIX-BSU-1.8S3R0 Datasheet
1Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSV-H BELLNIX-BSV-H Datasheet
553Kb / 14P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-NANO BELLNIX-BSV-NANO Datasheet
358Kb / 12P
Small Type High-Speed Response POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com