Electronic Components Datasheet Search
  English  ▼

X  

FTC1008 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC1008
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC1008 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC1008 Datasheet HTML 1Page - First Silicon Co., Ltd FTC1008 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 02. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC1008
Revision No : 0
FTC1008
TRANSISTOR (NPN)
FEATURES
General Purpose Switching and Amplification
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
8
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=2V, IC=50mA
40
400
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC=500mA,IB=50mA
1.1
V
Collector output capacitance
Cob
VCB=10V,IC=0, f=1MHz
8
pF
Transition frequency
fT
VCE=10V,IC= 50mA
30
MHz
CLASSIFICATION OF hFE
G
Y
O
R
K
N
A
R
RANGE
40-80
70-140
120-240
200-400
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
8
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
6
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
8
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
m
0
0
7
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
m
0
0
8
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
156
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. BASE
3. COLLECTOR


Similar Part No. - FTC1008

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC1027 FS-FTC1027 Datasheet
335Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - FTC1008

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com