Electronic Components Datasheet Search
  English  ▼

X  

FTC1318 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC1318
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC1318 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC1318 Datasheet HTML 1Page - First Silicon Co., Ltd FTC1318 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 07. 27
2/2
Revision No : 0
FTA1318
PC - Ta
IC - VCE
IC - IB
V CE(sat)- IC
V BE(sat)- IC
hFE - IC
fT - IE
Cob - VCB
V CER - RBE
0
6
1
0
40
120
80
0
800
600
200
400
Ambient temperature Ta(℃)
0
2
0
16
4
12
8
0
0.8
0.6
0.2
0.5
0.7
0.4
0.1
0.3
Ta = 25℃
IB = 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Collector-emitter voltage Vce(V)
0
1
0
8
2
6
4
0
0.8
0.6
0.2
0.5
0.7
0.4
0.1
0.3
V CE = 10 V
Ta = 25℃
Base current IB(mA)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB= 10
Ta = 75℃
25℃
-25℃
Collector current Ic(A)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB= 10
Ta = 75℃
-25℃
25℃
Collector current Ic(A)
0.01
0.1
1
10
0
300
250
200
150
100
50
V CE = 10 V
Ta = 75°C
25℃
−25
°C
Collector current Ic(A)
−1
−10
−100
0
240
200
160
120
80
40
V CB = 10 V
Ta = 25℃
Emitter current IE (mA)
1
10
100
0
12
10
8
6
4
2
IE = 0
f
= 1 MHz
Ta = 25℃
Collector-base voltage V
CB (V)
1
10
100
1 000
0
120
100
80
60
40
20
IC = 2 mA
Ta = 25℃
FTC1318
Base-emitter resistance RBE
(kΩ)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com