Electronic Components Datasheet Search
  English  ▼

X  

FTC1704S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC1704S
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC1704S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC1704S Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2011.11. 11
1/1
SEMICONDUCTOR
TECHNICAL D ATA
FTC1704S
Revision No : 0
FTC1740S TRANSISTOR (NPN)
FEATURES
Low Cob
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current –Continuous
150
mA
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50
μA , IE
V
0
6
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB
V
0
5
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=50
μA, IC
V
7
0
=
Collector cut-off current
ICBO
VCB=60V, IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=7V, IC
1
.
0
0
=
μA
DC current gain
hFE
VCE=6V, IC
0
6
5
0
2
1
A
m
1
=
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB
V
4
.
0
A
m
5
=
Transition frequency
fT
VCE=12V, IC=-2mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=12V,IE=0,f=1MHz
2
3.5
pF
CLASSIFICATION OF
hFE
Rank
S
R
Q
Range
0
6
5
-
0
7
2
0
9
3
-
0
8
1
0
7
2
-
0
2
1
TO-92S
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTC1704S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC1008 FS-FTC1008 Datasheet
188Kb / 2P
TRANSISTOR (NPN)
FTC1027 FS-FTC1027 Datasheet
335Kb / 2P
TRANSISTOR (NPN)
logo
First Components Intern...
FTC1185 FCI-FTC1185 Datasheet
48Kb / 2P
Low Dropout CMOS Voltage Regulators
FTC12A60 FCI-FTC12A60 Datasheet
303Kb / 3P
12Amp Triac FTC16A60 Non- Insulated Pack
FTC12A60F FCI-FTC12A60F Datasheet
508Kb / 1P
MECHANICAL DIMENSION
More results

Similar Description - FTC1704S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com