Electronic Components Datasheet Search
  English  ▼

X  

FTC2412K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2412K
Description  General Purpose Transistors NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2412K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2412K Datasheet HTML 1Page - First Silicon Co., Ltd FTC2412K Datasheet HTML 2Page - First Silicon Co., Ltd FTC2412K Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
NPN Silicon
SOT– 23
MAXIMUM RATINGS
Rating
Collector–Emitter Voltage
VCEO
50
Collector–Base Voltage
VCBO
60
Emitter–Base Voltage
VEBO
7.0
Collector Current — Continuous
IC
150
Collector power dissipation
PC
0.2
Junction temperature
Tj
150
Storage temperature
Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS (T
A = 25 C unless otherwise noted.)
Max
Typ
Min
Symbol
Characteristic
Unit
Collector–Emitter Breakdown Voltage
V(BR)CEO
(IC = 1 mA)
Emitter–Base Breakdown Voltage
V(BR)EBO
(IE = 50 µA)
Collector–Base Breakdown Voltage
V(BR)CBO
(IC = 50 µA)
Collector Cutoff Current
ICBO
(VCB = 60 V)
Emitter cutoff current
IEBO
(VEB = 7 V)
Collector-emitter saturation voltage
VCE(sat)
(IC/ IB = 50 mA / 5m A)
hFE
DC current transfer ratio h FE
(VCE = 6 V, IC = 1mA)
Transition frequency
fT
(VCE = 12 V, IE = – 2mA, f =30MHz )
Output capacitance
Cob
(VCB = 12 V, IE = 0A, f =1MHz )
hFE values are classified as follows:
hEF
2
EMITTER
3
COLLECTOR
1
BASE
*
•
Device
FTC2412K-Q
BR
G1F
3000 Tape & Reel
3000 Tape & Reel
3000 Tape & Reel
ORDERING INFORMATION
FTC2412K-R
FTC2412K-S
BQ
We declare that the material of product compliance with RoHS requirements.
2010. 01. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC2412K
Revision No : 1
1
3
2
Marking
Shipping
Symbol
Value
Unit
V
V
V
mAdc
W
C
C
50
7
60
-
-
-
120
-
-
-
-
-
-
-
-
-
180
2.0
-
-
-
0.1
0.1
0.4
560
-
3.5
V
V
V
μA
μA
V
-
MHz
pF
120~270
180~390
270~560
Q
R
S


Similar Part No. - FTC2412K

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2411K FS-FTC2411K Datasheet
67Kb / 4P
Medium Power Transistor NPN silicon
FTC2411K-Q FS-FTC2411K-Q Datasheet
67Kb / 4P
Medium Power Transistor NPN silicon
FTC2411K-R FS-FTC2411K-R Datasheet
67Kb / 4P
Medium Power Transistor NPN silicon
More results

Similar Description - FTC2412K

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com