Electronic Components Datasheet Search
  English  ▼

X  

BYH Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # BYH
Description  Ultra small size, Adjustable output voltage type high voltage power supply 0.2W Mid-high voltage DC-DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BYH Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  BYH Datasheet HTML 1Page - Bellnix Co.,Ltd. BYH Datasheet HTML 2Page - Bellnix Co.,Ltd. BYH Datasheet HTML 3Page - Bellnix Co.,Ltd. BYH Datasheet HTML 4Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■ Model/Dimensions/Pin Configuration (Y case)
Weight : 14g typ.
Units : mm
■ Standard usage
■ Over current protection
The BYH series has an over current protection to protect against
over load and load shortage. When over load or load shoratage
occurs, if the output voltage is lowered an activated, and the
reason has been removed, the output will auto recover.
The BYH series does not need any external parts, however
the longer the power supply and converter distance is, and
thinner the input line is to the input filter, the higher the impedance
will be, and connected a capacitor to CI is recommended.
As long as the capacitor is connected, the design should be
the converter's side lead inductance is lowered.
Bellnix High Voltage DC-DC Converters
2
BHV20110405
N.P
Φ0.6
2.33
5.08
1
24
22.86
2.33
32.6
2.54
22
13
12
22.86
2.0
Pin
Feature
Units:
mm (1/1)
12
13
22
24
-Vin
-Vout
+Vout
Vcont
+Vin
1
E1
Load
24
1
22
12
+
E2
13
C1
+Vin
+Vout
-Vin
Vout
Vcont
BYH
100
80
60
40
20
0
(%)
Output current
(lo)
100%
0
100% output
50% output
Over current protection characteristic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com