Electronic Components Datasheet Search
  English  ▼

X  

FTC3837 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3837
Description  High-FrequencyAmplifier Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3837 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3837 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3837 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3837 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2013. 08. 04
1/3
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC3837
High-Frequency Amplifier Transistor
Features
1.High transition frequency.(Typ.fT=1.5GHz)
2.Small rbb`Cc and high gain.(Typ.6ps)
3.Small NF.
MAXIMUM RATINGS (TA = 25
°C unless otherwise noted)
Parameter
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
30
V
Collector-Emitter Voltage
VCEO
18
V
V
e
g
a
t
l
o
v
e
s
a
b
-
r
e
t
t
i
m
E
EBO
3
V
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
50
mA
Collector power dissipation
PC
0.2
W
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
150
°C
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55~+150
°C
ELECTRICAL CHARACTERISTICS(TA = 25
°C)
p
y
T
.
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Max.
Unit
Conditions
Collector-base breakdown voltage
BV
CBO
30
-
-
V
I
C=10µA
Collector-emitter breakdown voltage
BV
CEO
18
-
-
V
I
C=1mA
Emitter-base breakdown voltage
BV
EBO
3
-
-
V
I
E=10µA
Collector cutoff current
I
CBO
-
-
0.5
µA
V
CB=10V
Emitter cutoff current
I
EBO
-
-
0.5
µA
V
EB=2 V
Collector-emitter saturation voltage
V
CE(sat)
-
-
0.5
V
I
C/IB=20mA/4mA
DC current transfer ratio
h
FE
56
-
180
-
V
CE/IC=10V/10mA
Transition frequency
f
T
600
1500
-
MHz
V
CB=10V, IC=10mA, f=200MHz
Output capacitance
Cob
-
0.9
1.5
pF
V
CB=10V, IE=0A, f=1MHz
Collector-base time constant
rbb`Cc
-
6
13
ps
V
CB=10V, IC=10mA, f=31.8MHz
F
N
r
o
t
c
a
f
e
s
i
o
N
-
4.5
-
dB
V
CE=12V, IC=2mA, f=200MHz,Rg=50
Ω
DEVICE MARKING
FTC3837=AP
1
BASE
2
EMITTER
COLLECTOR
3
4.
ORDERING INFORMATION
Device
Package
Shipping
FTC3837
3000/Tape & Reel
SOT-23
We declare that the material of product compliance with RoHS requirements.
SO
3
2
–
T
1
3
2


Similar Part No. - FTC3837

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3834 FS-FTC3834 Datasheet
375Kb / 3P
SILICON NPN TRANSISTOR
FTC3835 FS-FTC3835 Datasheet
1Mb / 3P
SILICON NPN TRANSISTOR
FTC3838 FS-FTC3838 Datasheet
100Kb / 2P
High-FrequencyAmplifier Transistor
More results

Similar Description - FTC3837

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
UP1855A UTC-UP1855A_15 Datasheet
200Kb / 4P
HIGH CURRENT TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
First Silicon Co., Ltd
FTC3838 FS-FTC3838 Datasheet
100Kb / 2P
High-FrequencyAmplifier Transistor
FTC5635 FS-FTC5635 Datasheet
91Kb / 3P
High-FrequencyAmplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com