Electronic Components Datasheet Search
  English  ▼

X  

GMXHT Datasheet(PDF) 1 Page - Kycon, Inc.

Part # GMXHT
Description  High Temperature Low Profile Modular Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

GMXHT Datasheet(HTML) 1 Page - Kycon, Inc.

  GMXHT Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0417
MODULAR JACKS AND PLUGS: GMXHT Series
High Temperature Low Profile Modular Jack
Product Features
0.45” Height
Low Profile Design Suitable for PC Add-on Board Applications
Snap in Board Retention Tabs
Available in 4, 6, 8, and 10 Position Housings
Available Fully Shielded for EMI/RFI Protection
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing Material
High Temperature Thermoplastic, UL 94V-0 Rated,
Black Color
Shield Material
Copper Alloy, Nickel Plated
Contact Material
Phosphor Bronze
Electrical Characteristics
Insulation Resistance
500 Megohms Min.
Dielectric Withstanding Voltage
1000V RMS, 60Hz
Contact Resistance
20 milliohms Max.
Current Rating
1.5A
Voltage Rating
125V DC
Operating Temperature
-40°C to +80°C
Durability
500 Mating Cycles Min.
GMXHT Series
Dimensions in mm
Contact Kycon for Other Options
GMXHT-N-88
Series
GMXHT- High Temperature, Right Angle, PCB Mount
Shield Options
N - Non-Shielded
Number of Positions / Contacts
44 - 4 Positions / 4 Contacts
64 - 6 Positions / 4 Contacts
66 - 6 Positions / 6 Contacts
88 - 8 Positions / 8 Contacts
Plating Option
Blank - Gold Flash
50 - 50
µ" Gold Plating
Generated Part Number
Part Number Builder
Series
Shield
Option
Positions
& Contacts
Plating
Options
LR78160
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
GMXHT-N-44
GMXHT
N
44


Similar Part No. - GMXHT

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
GMX KYCON-GMX Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
GMX-N-1010 KYCON-GMX-N-1010 Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
GMX-N-1010-50 KYCON-GMX-N-1010-50 Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
GMX-N-44 KYCON-GMX-N-44 Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
GMX-N-44-50 KYCON-GMX-N-44-50 Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
More results

Similar Description - GMXHT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428788698 MOLEX5-0428788698 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/6
0428786362 MOLEX5-0428786362 Datasheet
214Kb / 4P
Modular Jack, Vertical, Low Profile, 6/4
logo
Assmann Electronics Inc...
A-2004-0-4-LP-N-R ASSMANN-A-2004-0-4-LP-N-R Datasheet
270Kb / 1P
MODULAR JACK, LOW PROFILE
A-2004-1-4-LP-N-R ASSMANN-A-2004-1-4-LP-N-R Datasheet
271Kb / 1P
MODULAR JACK, LOW PROFILE, 6P6C
A-2004-3-4-LP-N-R ASSMANN-A-2004-3-4-LP-N-R Datasheet
187Kb / 1P
MODULAR JACK, LOW PROFILE
logo
Molex Electronics Ltd.
0428781003 MOLEX1-0428781003_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/10
0428788506 MOLEX1-0428788506_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/8
0428786218 MOLEX1-0428786218_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 6/6
logo
Kycon, Inc.
GMJXHT KYCON-GMJXHT Datasheet
950Kb / 1P
Low Profile Mid Mount Modular Jack
GMX KYCON-GMX Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com