Electronic Components Datasheet Search
  English  ▼

X  

K22X Datasheet(PDF) 1 Page - Kycon, Inc.

Part # K22X
Description  D-SUBMINIATURE CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

K22X Datasheet(HTML) 1 Page - Kycon, Inc.

  K22X Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0318
Series
K22X
- D-Subminiature Connector, Right Angle
Shell Size-Contact Option
E - 9 Contacts
A - 15 Contacts
B - 25 Contacts
C - 37 Contacts
Contact Type
P
- Pin Contact (Plug)
S
- Socket Contact (Receptacle)
Mounting Option
N - With Boardlocks and #4-40 UNC Threaded Inserts
NJ - With Boardlocks and # 4-40 Jackscrews Installed
Plating Option
Blank -
Gold Flash
30 -
30µ” Gold
Generated Part Number
Part Number Builder
Series
Shell Size
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
D-SUBMINIATURE CONNECTORS:
K22X
Series
Right Angle PCB Mount 0.318“ Footprint
K22X
Series Dimensions
Dimensions in mm
Contact
Type
Contact Kycon for Other Options
Mounting
Option
8.36 Plug Interior,
7.90 Socket Exterior
6.1 Plug,
5.8 Socket
A, A1
B
C
A = Exterior of Female Shell (S)
A1 = Interior of Male Shell (P)
9
(E)
15
(A)
25
(B)
37
(C)
A
±.010
±0.25
.643
16.33
.971
24.66
1.511
38.38
2.159
54.84
A1
±.010
±0.25
.666
16.92
.994
25.25
1.534
38.96
2.182
55.42
B
±.005
±0.13
.984
24.99
1.312
33.32
1.852
47.04
2.500
63.50
C
±.015
±0.38
1.213
30.81
1.541
39.14
2.088
53.04
2.729
69.32
Shell
Size
In
mm
Plating
Option
LR78160
K22X-E9P-N
E9
K22X
P
N
K22X-E9P-N
K22X
P
E9
N


Similar Part No. - K22X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K22X-A15P-N ETC2-K22X-A15P-N Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
K22X-A15P-N15 ETC2-K22X-A15P-N15 Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
K22X-A15P-N30 ETC2-K22X-A15P-N30 Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
K22X-A15P-NJ15 ETC2-K22X-A15P-NJ15 Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
K22X-A15P-NJ30 ETC2-K22X-A15P-NJ30 Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
More results

Similar Description - K22X

ManufacturerPart #DatasheetDescription
logo
ITT Industries
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
D Subminiature Connectors
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
d-subminiature connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com