Electronic Components Datasheet Search
  English  ▼

X  

NJM2194M Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2194M
Description  SRS Dialog Clarity Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2194M Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2194M Datasheet HTML 2Page - New Japan Radio NJM2194M Datasheet HTML 3Page - New Japan Radio NJM2194M Datasheet HTML 4Page - New Japan Radio NJM2194M Datasheet HTML 5Page - New Japan Radio NJM2194M Datasheet HTML 6Page - New Japan Radio NJM2194M Datasheet HTML 7Page - New Japan Radio NJM2194M Datasheet HTML 8Page - New Japan Radio NJM2194M Datasheet HTML 9Page - New Japan Radio NJM2194M Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2194
-9 -
s
s
s
sTYPICAL CHARACTERISTICS
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
20
Total Harmonic Distortion vs. Input Voltage (DC)
V+=12V, Vin=Lch, Vout=Lch, f=10kHz, RL=4.7k
Ω,
Rg=25
Ω, BW=10-80kHz
Input Voltage [dBV]
Ta=85
oC
Ta=25
oC
Ta=-40
oC
-1
-0.5
0
0.5
1
10
100
1000
10
4
10
5
Frequency Responce (BYPASS)
V+=12V, Vin=-10dBV Lch, Vout=Lch, RL=4.7k
Ω,
Rg=25
Ω
Frequency [Hz]
Ta=85
oC
Ta=25
oC
Ta=-40
o
C
-2
0
2
4
6
8
10
10
100
1000
10
4
10
5
Frequency Responce (DC)
V+=12V, Vin=-20dBV Lch, Vout=Lch, RL=4.7k
Ω, Rg=25Ω
Frequency [Hz]
Ta=85
oC
Ta=25
oC
Ta=-40
o
C
-30
-25
-20
-15
-10
-5
0
5
10
10
100
1000
10
4
10
5
Frequency Responce (DC)
V+=12V, Vin=-20dBV Lch, Vout=Rch, RL=4.7k
Ω, Rg=25Ω
Frequency [Hz]
Ta=85
oC
Ta=25
oC
Ta=-40
oC
4.5
5
5.5
6
-50050
100
150
DC Offset Voltage vs. Temperature
V+=12V, Vout=Lch
Ta [
oC]
DC
BYPASS
-10
-5
0
5
10
15
20
00.5
1
1.5
2
Gain vs. SW Control Voltage
V+=12V, Vin=-20dBV Lch, Vout=Lch, f=1kHz,
BYPASS-->DC
SW Control Voltage [V]
Ta=85
oC
Ta=25
oC
Ta=-40
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com