Electronic Components Datasheet Search
  English  ▼

X  

K202XHT Datasheet(PDF) 1 Page - Kycon, Inc.

Part # K202XHT
Description  Right Angle Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

K202XHT Datasheet(HTML) 1 Page - Kycon, Inc.

  K202XHT Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0318
Series
K202XHT
- D-Subminiature Connector, Right Angle,
Ultra Short Footprint, Surface Mount, Reflow Compatible
Shell Size-Contact Option
E - 9 Contacts
B - 25 Contacts
E - 15 Contacts, High Density (Socket only)
Contact Type
P -
Pin Contact (Plug)
S -
Socket Contact (Receptacle)
Mounting Option
N - With Boardlocks and #4-40 UNC Threaded Inserts
NJ - With Boardlocks and JSX-1055 Jackscrews Installed
Plating Option
Blank -
Gold Flash
15 -
15µ” Gold
30 -
30µ” Gold
Generated Part Number
Part Number Builder
Series
Shell Size
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
D-SUBMINIATURE CONNECTORS:
K202XHT
Series
Right Angle Surface Mount
Contact
Type
Contact Kycon for Tape and Reel and Other Options
Dimensions in mm
K202XHT
Series Dimensions
C
B
A, A1
2.84
12.55
#4-40 UNC
Threaded Inserts
8.36 Plug
Interior
7.90 Socket
Exterior
6.1 Plug
5.8 Socket
D
Mounting
Option
Plating
Option
A = Exterior of Female Shell (S)
A1 = Interior of Male Shell (P)
9
(E)
25
(B)
A
±.010
±0.25
.643
16.33
1.511
38.38
1.534
38.96
A1
±.010
±0.25
.666
16.92
B
±.005
±0.13
.984
24.99
1.852
47.04
C
±.015
±0.38
1.213
30.81
D
±.005
±0.13
.626
15.90
15
(E)
.643
16.33
.984
24.99
1.213
30.81
.609
15.46
2.088
53.04
1.498
38.06
Shell
Size In
mm
N/A
LR78160
K202XHT-E15S-N
K202XHT
S
E15
N


Similar Part No. - K202XHT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K202 KODENSHI-K202 Datasheet
140Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
logo
List of Unclassifed Man...
K2025 ETC-K2025 Datasheet
3Mb / 5P
boxes and ancillary products
More results

Similar Description - K202XHT

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SMF-H1352GD-TR LUMEX-SMF-H1352GD-TR Datasheet
116Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352ID-TR LUMEX-SMF-H1352ID-TR Datasheet
115Kb / 2P
RIGHT ANGLE Surface Mount
SSF-LXH305GD LUMEX-SSF-LXH305GD Datasheet
126Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305GD-5V LUMEX-SSF-LXH305GD-5V Datasheet
73Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305SOD LUMEX-SSF-LXH305SOD Datasheet
64Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305SYD-TR LUMEX-SSF-LXH305SYD-TR Datasheet
66Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305USBD LUMEX-SSF-LXH305USBD Datasheet
112Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305UWC LUMEX-SSF-LXH305UWC Datasheet
74Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305YD LUMEX-SSF-LXH305YD Datasheet
73Kb / 1P
Right Angle Surface Mount Led
SSF-LXH305YGW-TR LUMEX-SSF-LXH305YGW-TR Datasheet
86Kb / 1P
Right Angle Surface Mount Led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com