Electronic Components Datasheet Search
  English  ▼

X  

KCDX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KCDX
Description  Circular Din Panel Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KCDX Datasheet(HTML) 1 Page - Kycon, Inc.

  KCDX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KCDX
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
MINI/CIRCULAR DINs
: KCDX Series
Circular Din Panel Mount
Product Features
Audio, Video, Computer and Digital Equipment Applications
Designed to Meet European DIN Standards
Nickel Shells for Good Conductivity, Grounding and
EMI/RFI Shielding
Available in Reflow Compatible Design
Visual and Mechanical Polarization for Plug Insertion
Various Circuit Sizes
CSA/NRTL Certified File No. LR78160
UL File No. E140125
Performance Specifications
Materials and Finish
Body
PBT Thermoplastic, Black Color, UL 94V-0 Rated
Contact
Bronze, Matte Tin Plated
Shield
Phosphor Bronze, Nickel Plated
Electrical Characteristics
Rated Current
2A
Rated Voltage
24V DC
Insulation Resistance
100 Megohm Min. at 500V DC
Contact Resistance
Pin to Contact Resistance
60 milliohms Max.
Plug Shield to Socket Resistance
100 milliohms Max.
Dielectric Withstanding Voltage
500V AC for 1 Minute
Operating Temperature
-25°C to + 85°C
Series
KCDX - Circular DIN Connectors,
Right Angle PCB Mount, Receptacle
Number of Contacts
5 Contacts
Contact Type
S - Receptacle
Option
N - Non-Shielded, 10mm Pitch
N2 - Non-Shielded, 5mm Pitch
S - Shielded, 10mm Pitch
S2 - Shielded, 5mm Pitch
Generated Part Number
Part Number Builder
Series
Number
of Contacts
Contact
Type
Contact Kycon for Other Options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Option
0.7T x 1.1W
8 Pins
3
5
2
4
1
6
7
8
3
7
8
6
1
4
2
5
21.0
19.0
2.5
12.5
15.0
17.5
10.00
10.00
15.00
18.00
0.3x1.0
LR78160
KCDX-5S-N
KCDX
5
S
N


Similar Part No. - KCDX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KCD COOPER-KCD Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KCD EATON-KCD Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Pepperl+Fuchs Inc.
KCD0-LGH PF-KCD0-LGH Datasheet
611Kb / 2P
Place Holder Barrier
KCD0-LGH.SP PF-KCD0-LGH.SP Datasheet
560Kb / 2P
Place Holder Barrier
KCD0-RSH-1.1D.1 PF-KCD0-RSH-1.1D.1 Datasheet
955Kb / 5P
Relay Module
More results

Similar Description - KCDX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DJ005S ADAM-TECH-DJ005S Datasheet
129Kb / 1P
CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
logo
Lumberg
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
DIN circular connectors
0103 LUMBERG-0103_17 Datasheet
792Kb / 3P
DIN circular connectors
0121 LUMBERG-0121 Datasheet
768Kb / 3P
DIN circular connectors
0131 LUMBERG-0131 Datasheet
724Kb / 3P
DIN circular connectors
0132 LUMBERG-0132 Datasheet
768Kb / 3P
DIN circular connectors
0137 LUMBERG-0137 Datasheet
784Kb / 3P
DIN circular connectors
010599 LUMBERG-010599 Datasheet
459Kb / 3P
DIN circular connectors
WB51 LUMBERG-WB51 Datasheet
558Kb / 3P
DIN circular connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com