Electronic Components Datasheet Search
  English  ▼

X  

KLDPX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KLDPX
Description  Panel Mount DC Power Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KLDPX Datasheet(HTML) 1 Page - Kycon, Inc.

  KLDPX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Contact Kycon For Other Options
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0515
DC POWER CONNECTORS: KLDPX Series
Panel Mount DC Power Jack
Product Features
2.0mm and 2.5mm
Panel Mount
Solder Eyelets
Built in DC On/Off Switch
Portable Electronic Devices
CSA/NRTL Certified No. LR78160
UL File No. E140125
Performance Specifications
Materials and Finish
Plastic Housing : PBT Thermoplastic,30% Glass Filled,
UL 94V-0 Rated,Black Color
Center Pin: Copper, Nickel Plated
Contact #1: Brass,Tin Plated
Contact #2: Brass, Tin Plated
Contact #3: Copper Alloy,Tin Plated
Electrical Characteristics
Contact Resistance
Before Durability Test
Between Terminals: 30 milliohms Max.
Plug to Contacts: 50 milliohms Max.
After Durability Test
Between Terminals: 60 milliohms Max.
Plug to Contacts: 100 milliohms Max.
Rated Voltage: 48V DC
Rated Current: 3.5 Amps
Insulation Resistance: 100 Megohms Min.
Dielectric Withstanding Voltage:
250V AC for 1 Minute
Mechanical Characteristics
Durability Test: 5000 Cycles
Insertion Force: 3.0kg Max.
Extraction Force: 0.3kg Min.
LR78160
R
E140125
Series
KLDPX-0207 - Panel Mount DC Power Jack
Diameter
A - 2.0mm Center Pin Diameter
B - 2.5mm Center Pin Diameter
KLDPX Series
Dimensions in mm
KLDPX-0207-x
Generated Part Number
Part Number Builder
Series
Diameter
2D Drawing
Solder Profile
IGES
CofC RoHS Compliant
STEP
CofC REACH Compliant
Certificate of Origin
Check Stock
Request a Sample
Send Us An Email
UL Plastic File
3D PDF
KLDPX-0207-A
KLDPX-0207
A


Similar Part No. - KLDPX

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KLD0-SAA PF-KLD0-SAA Datasheet
587Kb / 2P
Voltage adjustment module
2021-01-12
KLD2-FBPS-1.12.220 PF-KLD2-FBPS-1.12.220 Datasheet
898Kb / 4P
Fieldbus Power Supply
KLD2-FBPS-1.25.360 PF-KLD2-FBPS-1.25.360 Datasheet
944Kb / 5P
Fieldbus Power Supply
KLD2-PC-1.1.IEC PF-KLD2-PC-1.1.IEC Datasheet
1Mb / 4P
Fieldbus Power Conditioner
KLD2-PR-1.IEC PF-KLD2-PR-1.IEC Datasheet
844Kb / 4P
Fieldbus Power Repeater
More results

Similar Description - KLDPX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
26Kb / 1P
Panel Mount Banana Jack
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
Banana Jack (Panel mount)
logo
CUI INC
PJ-014D-SMT CUI-PJ-014D-SMT Datasheet
31Kb / 1P
DC POWER JACK, SURFACE MOUNT
PJ-068B-SMT CUI-PJ-068B-SMT Datasheet
320Kb / 3P
MID MOUNT DC POWER JACK
PJ-069B-SMT CUI-PJ-069B-SMT Datasheet
322Kb / 3P
MID MOUNT DC POWER JACK
PJ-068B-SMT-TR CUI-PJ-068B-SMT-TR Datasheet
424Kb / 4P
MID MOUNT DC POWER JACK
PJ-014C-SMT CUI-PJ-014C-SMT Datasheet
473Kb / 1P
DC POWER JACK, SURFACE MOUNT
PJ-022-SMT CUI-PJ-022-SMT Datasheet
78Kb / 1P
DC Power Jack, Surface Mount
PJ-069B-SMT-TR CUI-PJ-069B-SMT-TR Datasheet
427Kb / 4P
MID MOUNT DC POWER JACK
logo
Kycon, Inc.
KLDX-0202-A KYCON-KLDX-0202-A Datasheet
654Kb / 1P
PCB Mount DC Power Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com