Electronic Components Datasheet Search
  English  ▼

X  

KLDVX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KLDVX
Description  Vertical PCB Mount DC Power Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KLDVX Datasheet(HTML) 1 Page - Kycon, Inc.

  KLDVX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1218
DC POWER CONNECTORS: KLDVX Series
Vertical PCB Mount DC Power Jack
Product Features
2.0mm and 2.5mm
Mounts Perpendicular to PCB
Built in DC On/Off Switch
CSA/NRTL Certified File No. LR78160
UL File No. E140125
Performance Specifications
Materials and Finish
Plastic Housing:
High Temperature Thermoplastic, UL94V-0 Rated, Black Color
Center Pin: Brass, Nickel Plated
Contact #1: Brass, Matte Tin Plated
Contact #2: Phosphor Bronze, Gold Flash on Contact Area,
Matte Tin on Solder Pin
Contact #3: Brass, Matte Tin Plated
Electrical Characteristics
Contact Resistance
Before Durability Test
Between Terminals: 30 milliohms Max.
Plug to Contacts: 50 milliohms Max.
After Durability Test
Between Terminals: 60 milliohms Max.
Plug to Contacts: 100 milliohms Max.
Rated Voltage: 24V DC
Rated Current: 3.5A
Insulation Resistance: 100 Megohms Min.
Dielectric Withstanding Voltage: 500V AC RMS for 1 Minute
Mechanical Characteristics
Durability Test: 5000 Cycles
Insertion Force: 0.3kg - 2.0kg
Extraction Force: 0.3kg - 2.0kg
Operating Temperature: -25˚C to +85˚C
LR78160
R
E140125
Contact Kycon For Other Options
Series
KLDVX-0202 - Vertical PCB Mount DC Power Jack
Diameter
A - 2.0mm Center Pin Diameter
B - 2.5mm Center Pin Diameter
KLDVX-0202 Series
Dimensions in mm
Generated Part Number
Part Number Builder
Series
Diameter
2D Drawing
Solder Profile
IGES
CofC RoHS Compliant
STEP
CofC REACH Compliant
Certificate of Origin
Check Stock
Request a Sample
Send Us An Email
UL Plastic File
3D PDF
KLDVX-0202-B
KLDVX-0202
B


Similar Part No. - KLDVX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KLDVX-SMT KYCON-KLDVX-SMT Datasheet
540Kb / 1P
Vertical Surface Mount DC Power Jack
KLDVX-SMT-02-A-GP KYCON-KLDVX-SMT-02-A-GP Datasheet
620Kb / 1P
Vertical Surface Mount DC Power Jack
KLDVX-SMT-02-A-GP-TR KYCON-KLDVX-SMT-02-A-GP-TR Datasheet
620Kb / 1P
Vertical Surface Mount DC Power Jack
KLDVX-SMT-02-ATR KYCON-KLDVX-SMT-02-ATR Datasheet
540Kb / 1P
Vertical Surface Mount DC Power Jack
KLDVX-SMT-02-BTR KYCON-KLDVX-SMT-02-BTR Datasheet
540Kb / 1P
Vertical Surface Mount DC Power Jack
More results

Similar Description - KLDVX

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-022 CUI-PJ-022 Datasheet
41Kb / 1P
0.65 DC Power Jack, PCB Mount
logo
List of Unclassifed Man...
KLDX-0201-BC ETC2-KLDX-0201-BC Datasheet
931Kb / 2P
DC POWER CONNECTORS: KLDX Series PCB Mount DC Power Jack
logo
CUI INC
PJ-023 CUI-PJ-023 Datasheet
45Kb / 1P
DC Power Jack w/Shield, PCB Mount
logo
Kycon, Inc.
KLDHCX-0202 KYCON-KLDHCX-0202 Datasheet
372Kb / 1P
High Current PCB Mount DC Power Jack
KLDHCX-0202-C KYCON-KLDHCX-0202-C Datasheet
353Kb / 1P
High Current PCB Mount DC Power Jack
KLDVHCX-0202-LT KYCON-KLDVHCX-0202-LT Datasheet
482Kb / 1P
Locking Type High Current Vertical PCB Mount DC Power Jack
KLDVX-SMT KYCON-KLDVX-SMT Datasheet
540Kb / 1P
Vertical Surface Mount DC Power Jack
KLDVX-SMT-02-A-GP KYCON-KLDVX-SMT-02-A-GP Datasheet
620Kb / 1P
Vertical Surface Mount DC Power Jack
KLDX-0202-A KYCON-KLDX-0202-A Datasheet
654Kb / 1P
PCB Mount DC Power Jack
KLDX-0202-AP-LT KYCON-KLDX-0202-AP-LT Datasheet
922Kb / 1P
Locking Type PCB Mount DC Power Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com