Electronic Components Datasheet Search
  English  ▼

X  

KMDPLX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMDPLX
Description  Panel Mount Mini-DIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMDPLX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMDPLX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMDPLX Series
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
MINI/CIRCULAR DINs
: KMDPLX Series
Panel Mount Mini-DIN
Product Features
Panel Mount
Mates with Standard and Snap and Lock Plugs
Available with various wire length
CSA/NRTL Certified File No. LR78160
UL File No. E140125
Performance Specifications
Materials and Finish
Shell
Steel, Tin Plated
Contacts
Phosphor Bronze, Tin Plated
Insulation
PBT Thermoplastic, Black Color, UL 94V-0 Rated
Wire
100mm, Stripped and Tinned, 26 AWG
Electrical Characteristics
Rated Current
0.8A
Rated Voltage
12V DC
Insulation Resistance
50 Megohm Min. at 250V DC
Contact Resistance
30 milliohms Max.
Dielectric Withstanding Voltage
250V AC RMS For 1 Minute
Operating Temperature
-25°C to + 75°C
Series
KMDPLX - Panel Mount Mini-DIN
Number of Contacts
3 Contacts
4 Contacts
5 Contacts
6 Contacts
8 Contacts
Contact Type
S - Receptacle
Wire Length*
100 - Standard Length 100mm
Generated Part Number
Part Number Builder
Series
Number
of Contacts
Contact
Type
*Contact Kycon for Other Lengths Available (500pc min)
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Wire
Length
LR78160
KMDPLX-3S-100
KMDPLX
3
S
100


Similar Part No. - KMDPLX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMD15-1212 TDK-KMD15-1212 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1212 TDK-KMD15-1212 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-55 TDK-KMD15-55 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Similar Description - KMDPLX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ008S ADAM-TECH-MDJ008S Datasheet
125Kb / 1P
MINI DIN JACKS PC BOARD & PANEL MOUNT
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
DIN Rail, Panel Mount or Wall Mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Adam Technologies, Inc.
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
MP-3P-M ADAM-TECH-MP-3P-M Datasheet
64Kb / 1P
MINI DIN POWER
logo
Bud Industries, Inc.
DB-4713 BUD-DB-4713 Datasheet
89Kb / 1P
DIN RAIL / PANEL MOUNT BOX
logo
CUI INC
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
logo
Kycon, Inc.
KCDX KYCON-KCDX Datasheet
941Kb / 1P
Circular Din Panel Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com