Electronic Components Datasheet Search
  English  ▼

X  

KMDVLX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMDVLX
Description  Snap and Lock Vertical Mini-DIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMDVLX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMDVLX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMDVLX Series
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0619
MINI/CIRCULAR DINs: KMDVLX Series
Snap and Lock Vertical Mini-DIN
Product Features
Audio, Video, Computer and Digital Equipment Applications
Mates With Standard and Snap and Lock Plugs
Inner Shield for Good Conductivity, Grounding and
EMI/RFI Protection
Visual and Mechanical Polarization for Plug Insertion
Closed Bottom for Better Solderability
Various Circuit Sizes
CSA/NRTL Certified File No. LR78160
UL File No. E140125
Performance Specifications
Materials and Finish
Body
PBT Thermoplastic, Black Color
Contacts
Brass, Silver Plated
Inner Shield
Brass matte Tin Plated
Mechanical Characteristics
Insertion Force
0.3kg - 3.0kg
Withdrawal Force
0.4kg - 3.5kg
Durability Rating
5000 Mating Cycles Min.
Electrical Characteristics
Rated Current
2A Max.
Rated Voltage
12V DC
Insulation Resistance
50 Megohm Min. at 500V DC
Contact Resistance
30 milliohms Max.
Dielectric Withstanding Voltage
500V AC for 1 Minute
Operating Temperature
-25°C to + 85°C
Series
KMDVLX -
Vertical PCB Mount Mini-DIN Connector
Number of Contacts
3 Contacts
4 Contacts
5 Contacts
6 Contacts
7 Contacts
Contact Type
S - Receptacle
Shielding
Option
N - Non-Shielded
Generated Part Number
Part Number Builder
Series
Number
of Contacts
Contact
Type
Contact Kycon for Other Options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Option
LR78160
8.0
9.5
3.5
1.0
1.0
8 Contacts
KMDVLX-3S-N-1
KMDVLX
3
S
N


Similar Part No. - KMDVLX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMD15-1212 TDK-KMD15-1212 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1212 TDK-KMD15-1212 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-55 TDK-KMD15-55 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Similar Description - KMDVLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPJX-4S ETC2-KPJX-4S Datasheet
602Kb / 1P
Snap and Lock PCB Mount Receptacle
logo
Adam Technologies, Inc.
MDV-004 ADAM-TECH-MDV-004 Datasheet
76Kb / 1P
MINI DIN JACK VERTICAL TYPE
MDV-004-E-C1 ADAM-TECH-MDV-004-E-C1 Datasheet
78Kb / 1P
MINI DIN JACK VERTICAL TYPE
logo
Molex Electronics Ltd.
1724470204 MOLEX1-1724470204 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
1724470206 MOLEX1-1724470206 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
1724470208 MOLEX1-1724470208 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
1724470212 MOLEX1-1724470212 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
1724471202 MOLEX1-1724471202 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
1724471206 MOLEX1-1724471206_18 Datasheet
43Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
logo
Kycon, Inc.
KMDLAX KYCON-KMDLAX Datasheet
353Kb / 1P
Snap and Lock Cable Mount Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com