Electronic Components Datasheet Search
  English  ▼

X  

STX3000 Datasheet(PDF) 1 Page - Kycon, Inc.

Part # STX3000
Description  3.5mm Audio Jack All Plastic PCB Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

STX3000 Datasheet(HTML) 1 Page - Kycon, Inc.

  STX3000 Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Audio Jacks: STX-3000 Series
3.5mm Audio Jack All Plastic PCB Mount
Product Features
Audio Applications for Computers and Multimedia
All Plastic
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic, UL94V-0 Rated
Terminals
Phosphor Bronze, Matte Tin Plated
Mechanical Characteristics
Insertion Force
0.4kg - 2.0kg
Extraction Force
0.3kg - 2.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durabiliy Test
30 milliohms Max.
After Durability Test
60 milliohms Max.
Insulation Resistance
More than 100 Megohms Min.at 250V DC
Dielectric Strength
250V AC RMS for 1 Minute
Operating Temperature
-25°C to +80°C
STX-3000
Dimensions in mm
Series
STX-3000 - 3.5mm Audio Jack
Generated Part Number
Part Number Builder
Series
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
STX-3000
STX-3000


Similar Part No. - STX3000

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
logo
STMicroelectronics
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
N-channel 600 V, 0.11 Ω, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
11-Nov-2008
More results

Similar Description - STX3000

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3000 ETC2-STX-3000 Datasheet
830Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
STX-3120-3B ETC2-STX-3120-3B Datasheet
910Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
logo
Kycon, Inc.
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
PCB Mount 3.5mm Audio Jack
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
STX3200 KYCON-STX3200 Datasheet
479Kb / 1P
PCB Mount 3.5mm Audio Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com