Electronic Components Datasheet Search
  English  ▼

X  

KUSBVXHT-HRF Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBVXHT-HRF
Description  High Temperature Vertical USB Type B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBVXHT-HRF Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBVXHT-HRF Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBVXHT
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1019
UNIVERSAL SERIAL BUS: KUSBVXHT Series
High Temperature Vertical USB Type B
Product Features
High Retention Force
Through Hole PCB Mount
Compatible with Many Computer Peripherals
Supports Hot Plugging
Contact Area with Gold Plating
Performance Specifications
Materials and Finish
Insulator
High Temperature, Thermoplastic, Orange Color
Shell
Stainless Steel, Nickel Plated
Contact Material
Phosphor Bronze
Contact Plating
See Drawing
Electrical Characteristics
Rated Current
1.5A
Rated Voltage
30V DC
Insulation Resistance
1000 Megohms Min.
Dielectric Withstanding Voltage
500V AC For 1 Minute
Contact Resistance
30 milliohms Max.
Mechanical Characteristics
Durability: 1500 Mating Cycles Min.
Mating Force: 35N Max.
Extraction Force: 15N Min.
Operating Temperature: -55°C to +85°C
Series
KUSBVXHT -
Vertical Universal Serial Bus, High Temperature
Type
BS1N - B Type
Insulator Color Option
O - Orange
Plating option
Blank - Gold Flash
30 - 30µ" Gold Plating
Option
HRF - High Retention Force
Generated Part Number
Contact Kycon for Other Options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
KUSBVXHT-BS1N-O-HRF
Plating
Option
Other
Option
Part Number Builder
Series
Insulator
Color
Type
KUSBVXHT-BS1N-O30-HRF
KUSBVXHT
BS1N
O
30
HRF


Similar Part No. - KUSBVXHT-HRF

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBVX KYCON-KUSBVX Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS1N-B KYCON-KUSBVX-AS1N-B Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS1N-B30 KYCON-KUSBVX-AS1N-B30 Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS1N-W KYCON-KUSBVX-AS1N-W Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS1N-W30 KYCON-KUSBVX-AS1N-W30 Datasheet
380Kb / 1P
Vertical Top Entry USB
More results

Similar Description - KUSBVXHT-HRF

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692622030100 WURTH-692622030100 Datasheet
350Kb / 1P
MICRO USB 3.0 VERTICAL SMT TYPE B
logo
Molex Electronics Ltd.
67265-2001 MOLEX-67265-2001 Datasheet
225Kb / 2P
USB B VERTICAL CONN
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
614004141221 WURTH-614004141221 Datasheet
288Kb / 1P
USB 2.0 TYPE B VERTICAL BLACK
614105150721 WURTH-614105150721 Datasheet
664Kb / 3P
MICRO USB 2.0 TYPE B - VERTICAL - THT
629104142721 WURTH-629104142721 Datasheet
604Kb / 1P
USB 2.0 B FEMALE VERTICAL SMD TYPE
logo
Kycon, Inc.
KUSBVLPXHT KYCON-KUSBVLPXHT Datasheet
572Kb / 1P
Vertical, A Type, High Retention Force High Temperature USB
logo
Switchcraft, Inc.
PCMB20AUETR SWITCH-PCMB20AUETR Datasheet
313Kb / 2P
VERTICAL MICRO USB TYPE-B 2.0, RoHS
Rev. A
PCUB20 SWITCH-PCUB20 Datasheet
184Kb / 1P
VERTICAL STRAIGHT TYPE-B USB 2.0, RoHS
Rev. A
logo
Molex Electronics Ltd.
SD-105133-001 MOLEX-SD-105133-001 Datasheet
143Kb / 1P
SALES DRAWING FOR USB, MICRO-B VERTICAL TYPE
REVISION G
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com