Electronic Components Datasheet Search
  English  ▼

X  

STX3200 Datasheet(PDF) 1 Page - Kycon, Inc.

Part # STX3200
Description  PCB Mount 3.5mm Audio Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

STX3200 Datasheet(HTML) 1 Page - Kycon, Inc.

  STX3200 Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Contact Kycon for other options
Series
STX-3200 - PCB Mount 3.5 Audio Jack
Number of Pins
3 - Pins
5 - Pins
Threading and Back Plate Option
CB - Threaded Barrel with Back Plate
NB - Non-Threaded Barrel with Back Plate
N - Non-Threaded Barrel
STX-3200 Series
Dimensions in mm
Generated Part Number
Part Number Builder
Series
Number
of Pins
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Threading
Option
STX-3200-3CB
STX-3200-5N
AUDIO JACKS
:STX-3200 Series
PCB Mount 3.5mm Audio Jack
Product Features
Audio Applications for Computers and Multimedia
Available with Threaded or Non-Threaded Metal Bushing
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic,15% Glass Filled, Black Color,
UL94V-0 Rated
Terminals
Pin # 2R, 5T: Phosphor Bronze, Matte Tin Plated
Pin # 1S: Copper Alloy, Nickel Plated
Pin # 3N, 4N: Brass, Matte Tin Plated
Mechanical Characteristics
Insertion Force
0.4kg - 3.0kg
Extraction Force
0.3kg - 3.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
50 milliohms Max.
Insulation Resistance
100 Megohms Min. at 500V DC
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25°C to + 100°C
LR78160
STX-3200-3N
STX-3200
3
N


Similar Part No. - STX3200

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
logo
STMicroelectronics
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
N-channel 600 V, 0.11 Ω, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
11-Nov-2008
logo
Kycon, Inc.
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
PCB Mount 3.5mm Audio Jack
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
More results

Similar Description - STX3200

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3000 ETC2-STX-3000 Datasheet
830Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
STX-3120-3B ETC2-STX-3120-3B Datasheet
910Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
PCB Mount 3.5mm Audio Jack
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com