Electronic Components Datasheet Search
  English  ▼

X  

KMMVX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMMVX
Description  Vertical Mount Micro USB 2.0 Type B Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMMVX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMMVX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMMVX
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1015
UNIVERSAL SERIAL BUS: KMMVX Series
Vertical Mount Micro USB 2.0
Type B Socket
Product Features
SMT with Through Hole Shield
Tape and Reel Packaging with
Cap for Pick and Place
Performance Specifications
Materials and Finish
Insulator
High Temperature Thermoplastic,
UL 94V-0 Rated, Color: Black
Shell
Stainless Steel, Matte Tin Plated
Contact Material
Phosphor Bronze
Contact Plating Options
Standard: 10µ" Gold Plated on Contact Area,
Gold Flash on Solder Tails, All over Nickel Underplate
50 Option: 50µ" Gold Plated on Contact Area, Gold Flash
on Solder Tails, All over Nickel Underplate
Electrical Characteristics
Rated Current
: 1.5A
Rated Voltage
: 30V AC/DC
Insulation Resistance: 1,000 Megohms Min.
Contact Resistance: 30 milliohms Max.
Dielectric Withstanding Voltage: 100V AC for 1 Minute
Mechanical Characteristics
Durability
10,000 Mating Cycles Min.
Operating
Temperature
-40°C to +105°C
Mounting
Option
Contact Kycon for more options
Series
KMMVX - Vertical Mount Micro USB 2.0
Mounting Option
SMT - Surface Mount
Insulator Color Option
B - Black
Plating Option
Blank - 10
µ" Gold
50 - 50
µ" Gold
Packaging
TR - Tape and Reel
Generated Part Number
Part Number Builder
Series
Insulator
Color
Plating
Option
Packaging
Option
Type
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Type
BS - Type B Socket
KMMVX
KMMVX-SMT-BS-BTR
SMT
BS
B
TR


Similar Part No. - KMMVX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMM-61-B MSYSTEM-KMM-61-B Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMM-61-B/Q MSYSTEM-KMM-61-B/Q Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMM-61-C MSYSTEM-KMM-61-C Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMM-61-C/Q MSYSTEM-KMM-61-C/Q Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KMMVX

ManufacturerPart #DatasheetDescription
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
MICRO-USB B-TYPE MID-MOUNT
logo
Mill-Max Mfg. Corp.
897-10-010-00 MILL-MAX-897-10-010-00 Datasheet
112Kb / 2P
USB Socket Type B; Single; Vertical Surface Mount Micro USB 3.0 Single Row Surface Mount
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
614004141221 WURTH-614004141221 Datasheet
288Kb / 1P
USB 2.0 TYPE B VERTICAL BLACK
614105150721 WURTH-614105150721 Datasheet
664Kb / 3P
MICRO USB 2.0 TYPE B - VERTICAL - THT
629104142721 WURTH-629104142721 Datasheet
604Kb / 1P
USB 2.0 B FEMALE VERTICAL SMD TYPE
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
MICRO USB 2.0 SMT TYPE B 5 CONTACTS
629105150521 WURTH-629105150521 Datasheet
490Kb / 2P
MICRO USB 2.0 TYPE B - HORIZONTAL - SMT
logo
Kycon, Inc.
KMMLX KYCON-KMMLX Datasheet
424Kb / 1P
B Type Mid-Mount Micro USB
logo
Switchcraft, Inc.
PCMB20AUETR SWITCH-PCMB20AUETR Datasheet
313Kb / 2P
VERTICAL MICRO USB TYPE-B 2.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com