Electronic Components Datasheet Search
  English  ▼

X  

TFP503 Datasheet(PDF) 8 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 4Page - Texas Instruments TFP503 Datasheet HTML 5Page - Texas Instruments TFP503 Datasheet HTML 6Page - Texas Instruments TFP503 Datasheet HTML 7Page - Texas Instruments TFP503 Datasheet HTML 8Page - Texas Instruments TFP503 Datasheet HTML 9Page - Texas Instruments TFP503 Datasheet HTML 10Page - Texas Instruments TFP503 Datasheet HTML 11Page - Texas Instruments TFP503 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(2)
Differential input sensitivity (see Note 8)
150
mVp−p
VID(3)
Maximum differential input
1560
mVp−p
tsk(D)
Analog input intra-pair (+ to −) differential
skew (see Note 12)
0.4
t(bit)†
ns
tsk(CC)
Analog input inter-pair or channel-to-channel
skew (see Note 12)
1.0
t(pixel)‡
ns
Worst case differential input clock jitter
tolerance (see Notes 9 and 12)
112 MHz, 1 pixel/clock
200
ps
tr(1)
Rise time of data and control signals
ST = Low, CL = 10 pF
1.9
ns
tr(1)
Rise time of data and control signals
(see Notes 10 and 11)
ST = High, CL = 10 pF
1.9
ns
tf(1)
Fall time of data and control signals
ST = Low, CL = 10 pF
1.9
ns
tf(1)
Fall time of data and control signals
(see Notes 10 and 11)
ST = High, CL = 10 pF
1.9
ns
tr(2)
Rise time of ODCK clock (see Note 10)
ST = Low, CL = 10 pF
1.9
ns
tr(2)
Rise time of ODCK clock (see Note 10)
ST = High, CL = 10 pF
1.9
ns
tf(2)
Fall time of ODCK clock (see Note 10)
ST = Low, CL = 10 pF
1.9
ns
tf(2)
Fall time of ODCK clock (see Note 10)
ST = High, CL = 10 pF
1.9
ns
1 pixel/clock
PIXS = Low
ST = Low
CL = 10 pF
1.2
ns
OCK_INV = Low
ST = High
CL = 10 pF
1.2
ns
tsu(1)
Setup time, data, and control signals to falling
2 pixel/clock
PIXS = High
ST = Low
CL = 10 pF
2.7
ns
tsu(1)
Setup time, data, and control signals to falling
edge of ODCK (see Note 11)
STAG = High
OCK_INV = Low
ST = High
CL = 10 pF
2.7
ns
2 pixel & STAG
PIXS = High
ST = Low
CL = 10 pF
1.7
ns
STAG = Low
OCK_INV = Low
ST = High
CL = 10 pF
1.7
ns
1 pixel/clock
PIXS = Low
ST = Low
CL = 10 pF
0.9
ns
th(1)
Hold time, data, and control signals to falling
OCK_INV = Low
ST = High
CL = 10 pF
0.9
ns
th(1)
Hold time, data, and control signals to falling
edge of ODCK (see Note 11)
2 pixel and STAG
PIXS = High
ST = Low
CL = 10 pF
2.9
ns
STAG = Low
OCK_INV = Low
ST = High
CL = 10 pF
2.9
ns
† t(bit) is 1/10 the pixel time, t(pixel)
‡ t(pixel) is the pixel time defined as the period of the RxC input clock. The period of ODCK is equal to t(pixel) in 1-pixel/clock mode or 2 t(pixel) when
in 2-pixel/clock mode.
NOTES:
8. Specified as ac parameter to include sensitivity to overshoot, undershoot, and reflection.
9. Measured differentially at 50% crossing using ODCK output clock as trigger.
10. Rise and fall times measured as time between 20% and 80% of signal amplitude.
11. Data and control signals are: QE[23:0], QO[23:0], DE, HSYNC, VSYNC and CTL[2:1].
12. By characterization
13. Link active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com