Electronic Components Datasheet Search
  English  ▼

X  

TPR700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TPR700
Description  700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TPR700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TPR700 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPR700 Datasheet HTML 2Page - List of Unclassifed Manufacturers TPR700 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TPR 700
700 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
The TPR 700 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1030-1090 MHz. The
device has gold thin-film metallization for proven highest MTTF. The
transistor includes input returns for fast rise time. Low thermal resistance
package reduces junction temperature, extends life.
CASE OUTLINE
55KT, Style 1
Common Base
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
2050 Watts
o2
Maximum Voltage and Current
BVces
Collector to Base Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
55 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
t
r
VSWR
Power Out
Power Input
Power Gain
Collector Efficiency
Rise Time
Load Mismatch Tolerance
F = 1090 MHz
Vcc = 50 Volts
PW = 10
µsec
DF = 1%
F = 1090 MHz
700
6.7
43
150
70
30:1
Watts
Watts
dB
%
ns
BVebo
3
BVces
hFE
θjc2
Emitter to Base Breakdown
Collector to Emitter Breakdown
DC - Current Gain
Thermal Resistance
Ie = 50mA
Ic = 100mA
Ic = 1000mA, Vce = 5 V
3.5
65
10
0.08
Volts
Volts
C/W
o
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
3: Cannot measure due to input return
Issue February 1996


Similar Part No. - TPR700

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
high power COMMON BASE bipolar transistor.
More results

Similar Description - TPR700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com