Electronic Components Datasheet Search
  English  ▼

X  

TS15P04G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS15P04G
Description  Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS15P04G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS15P04G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS15P04G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 687 -
RATINGS AND CHARACTERISTIC CURVES (TS15P01G THRU TS15P07G)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10
100
1000
FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
23
4
1.5
5 6
9
8
710
25
20
15
30
100
60
40
80
20
100
300
400
200
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
CASE TEMPERATURE. ( C)
o
0
100
50
150
0
4.0
8.0
12.0
16.0
20.0
Tj=25 C
0
FIG.5- YPICAL TRANSIENT THERMAL IMPEDANCE
T
T, HEATING TIME (SEC)
10
1
0.1
0.1
1
1 0
0.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com