Electronic Components Datasheet Search
  English  ▼

X  

HT36A1 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36A1
Description  Music Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A1 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36A1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-959.800
1271.550
18
959.450
-152.100
2
-959.800
1160.950
19
959.450
-41.500
3
-959.800
1060.950
20
959.450
58.500
4
-959.800
950.350
21
959.450
169.100
5
-959.800
850.350
22
959.450
269.100
6
-959.800
739.750
23
959.450
379.700
7
-959.800
639.750
24
959.450
479.700
8
-959.800
529.150
25
959.450
590.300
9
279.300
-1352.350
26
-46.550
1386.150
10
392.300
-1352.350
27
-157.150
1386.150
11
504.750
-1352.450
28
-257.150
1386.150
12
649.850
-1352.300
29
-367.750
1386.150
13
770.100
-1352.400
30
-467.750
1386.150
14
944.700
-1345.670
31
-578.350
1386.150
15
919.650
-1133.274
32
-678.350
1386.150
16
919.650
-1014.076
33
-788.950
1386.150
17
919.650
-336.224
Pad Description
Pad Name
I/O
Internal
Connection
Function
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
PB0~PB7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PC0~PC7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
RCH, LCH
O
¾
Stereo audio output
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by mask option)
for the internal system clock. In the case of RC operation, OSC2 is the output
terminal for 1/8 system clock. The system clock may come from the crystal, the
two pins cannot be floating.
VDDA
¾¾
DAC power supply
VDD
¾¾
Positive power supply
VSSA
¾¾
Negative power supply of DAC, ground
VSS
¾¾
Negative power supply, ground
RES
I
¾
Reset input, active low
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT36A1
Rev. 1.00
3
August 15, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com