Electronic Components Datasheet Search
  English  ▼

X  

STX-3501 Datasheet(PDF) 1 Page - Kycon, Inc.

Part # STX-3501
Description  Right Angle 3.5mm Audio Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

STX-3501 Datasheet(HTML) 1 Page - Kycon, Inc.

  STX-3501 Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
AUDIO JACKS: STX-3501 Series
Right Angle 3.5mm Audio Jack
Product Features
Audio Applications for Computers and Multimedia
Through Hole Design
All Plastic
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
High Temperatura Thermoplastic, Black Color ,
UL 94V-0 Rated
Terminals
Copper Alloy, Silver Plating over Nickel Underplating
Mechanical Characteristics
Insertion Force
0.3kg Max.
Extraction Force
0.2kg Min.
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durability Test
50 milliohms Max.
After Durability Test
100 milliohms Max.
Insulation Resistance
100 Megohms Min. at 500V DC
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25°C to + 85°C
STX-3501
Dimensions in mm
Contact Kycon for other options
Series
STX-3501 - Right Angle 3.5mm Audio Jack
Number of Pins
3 - Pins
4 - Pins
Threading Option
N - Non-Threaded Barrel
Generated Part Number
Part Number Builder
Series
Number
of Pins
Threading
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
STX-3501-3N
LR78160
STX-3501-3N
STX-3501
3
N


Similar Part No. - STX-3501

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX-3500 KYCON-STX-3500 Datasheet
487Kb / 1P
Surface Mount 3.5mm Stereo Jack
STX-3500-3NTR KYCON-STX-3500-3NTR Datasheet
487Kb / 1P
Surface Mount 3.5mm Stereo Jack
STX-3500-4NTR KYCON-STX-3500-4NTR Datasheet
487Kb / 1P
Surface Mount 3.5mm Stereo Jack
STX-3500-5NTR KYCON-STX-3500-5NTR Datasheet
487Kb / 1P
Surface Mount 3.5mm Stereo Jack
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
More results

Similar Description - STX-3501

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com