Electronic Components Datasheet Search
  English  ▼

X  

SF101CS Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SF101CS
Description  10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF101CS Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SF101CS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF101CS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.10T
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
CASE TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
TJ=25
TJ = 25
f = 1.0 MHZ
Vsig = 50mVp-p
SF101CS/SF104CS
SF107CS/SF108CS
SF105CS/SF106CS
10.0
6.0
4.0
2.0
8.0
0
0
50
100
150
60 Hz Resistive or
Inductive load
℃
℃
℃
℃
℃
SF101CS thru SF108CS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com