Electronic Components Datasheet Search
  English  ▼

X  

SF106CS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF106CS
Description  10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF106CS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF106CS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF106CS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
※
Fast switching for high efficiency
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: TO-220AB Open Metal Heatsink Package
※
Epoxy: UL 94V-0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.2 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SF101CS
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
IFSM
A
VF
0.98
1.3
1.7
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
TJ,TSTG
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +150
Maximum Reverse Recovery Time (Note1)
35
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current Tc=100
(Total Device 2x5.0A=10.0A)
10.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
125
Maximum Instantaneous Forward Voltage
@5.0A
(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25
At Rated DC Blocking Voltage @TJ=125
5.0
50
SF101CS thru SF108CS
Pb Free Plating Product
SF101CS thru SF108CS
Pb
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
TO-220AB(TO-220-3L)
Unit:inch(mm)
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "CA"
Suffix "CD"
Suffix "CS"
Suffix "CT"
SF105CS
SF107CS
℃
/W
℃
℃
℃
℃
SF104CS
SF106CS
SF108CS


Similar Part No. - SF106CS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SF106C WILLAS-SF106C Datasheet
302Kb / 2P
10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER ITO-220 PACKAGE
logo
Thinki Semiconductor Co...
SF106C THINKISEMI-SF106C Datasheet
295Kb / 2P
10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
logo
Rectron Semiconductor
SF106C RECTRON-SF106C Datasheet
582Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE 400 to 600 Volts CURRENT 10 Amperes
2022-04/52 REV:A
logo
Thinki Semiconductor Co...
SF106CA THINKISEMI-SF106CA Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF106CD THINKISEMI-SF106CD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
More results

Similar Description - SF106CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF10L04GS THINKISEMI-SFF10L04GS Datasheet
1Mb / 6P
10.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
MUR1020CTS THINKISEMI-MUR1020CTS Datasheet
292Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Fast Recovery Rectifiers
MUR1080CTS THINKISEMI-MUR1080CTS Datasheet
428Kb / 2P
10.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
SF101CTS THINKISEMI-SF101CTS Datasheet
274Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
SF161CS THINKISEMI-SF161CS Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
SF101S THINKISEMI-SF101S Datasheet
275Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
UF10C20S THINKISEMI-UF10C20S Datasheet
265Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
VF10C20S THINKISEMI-VF10C20S Datasheet
264Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
MUR1020CS THINKISEMI-MUR1020CS Datasheet
269Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020CL THINKISEMI-MUR1020CL Datasheet
267Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com