Electronic Components Datasheet Search
  English  ▼

X  

SF207CS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF207CS
Description  20.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF207CS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF207CS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF207CS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF201CS thru SF208CS
Pb Free Plating Product
SF201CS thru SF208CS
20.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
Pb
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
ambient temperature unless otherwise specified.
NOTES : (1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
20.0
5.0
0.98
35
50
1.5
UNIT
V
V
V
V
A
A
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
200
SF201CS
200
400
1.3
1.7
SF206CS
(Total Device 2x10A=20A)
(Per Diode/Per Leg)
μA
μA
/W
℃
℃
℃
℃
120
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
℃
℃
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB open metal package
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB/TO-220-3L
Unit : inch (mm)
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Series
Tandem Polarity
Suffix "CA"
Suffix "CS"
Doubler
Tandem Polarity
Suffix "CD"
SF205CS
SF204CS
SF208CS
SF207CS


Similar Part No. - SF207CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF207C THINKISEMI-SF207C Datasheet
759Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
logo
Rectron Semiconductor
SF207C RECTRON-SF207C Datasheet
58Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
SF207CA THINKISEMI-SF207CA Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF207CD THINKISEMI-SF207CD Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF207CT THINKISEMI-SF207CT Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SF207CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FMG31UR THINKISEMI-FMG31UR Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FML31UR THINKISEMI-FML31UR Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FMU31UR THINKISEMI-FMU31UR Datasheet
1,013Kb / 3P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FMX31UR THINKISEMI-FMX31UR Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
U20C20S THINKISEMI-U20C20S Datasheet
817Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
SF201CTS THINKISEMI-SF201CTS Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
SF201S THINKISEMI-SF201S Datasheet
741Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
MUR2020CS THINKISEMI-MUR2020CS Datasheet
269Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020CL THINKISEMI-MUR2020CL Datasheet
270Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020PL THINKISEMI-MUR2020PL Datasheet
287Kb / 2P
20.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com