Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/CH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AHF2805DF/CH
Description  Hybrid - High Reliability DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHF2805DF/CH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AHF2805DF/CH Datasheet HTML 1Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 2Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 3Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 4Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 5Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 6Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 7Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 8Page - List of Unclassifed Manufacturers AHF2805DF/CH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AHF2800 Series
Hybrid - High Reliability
DC/DC Converters
DESCRIPTION
The AHF Series of DC/DC converters feature
single or dual outputs over the full military
temperature range. No derating in output power is
required, making them suitable for use in rugged
military applications. The low profile, small outline
package is ideally suited to the tight board space
requirements of many industrial and aerospace
applications. Designed for nominal 28VDC inputs,
this family of converters will meet the
requirements of MIL-STD-704D. The basic circuit
utilizes a pulse width modulated, feed-forward
topology at a nominal switching frequency of 550
KHz. Input to output isolation is achieved through
the use of transformers in the forward and
feedback circuits.
The proprietary magnetic feedback circuit provides
for an extremely wide bandwidth control loop with
a high phase margin. The closed loop frequency
response of this converter family extends to
approximately 50 kHz, resulting in superior line
and load transient characteristics. This feedback
method is also inherently temperature and
radiation insensitive. This gives the AHF Series an
important advantage over converters that
incorporate opto-couplers in their design.
These converters are manufactured in a facility
certified to MIL-PRF-38534. All processes used to
manufacture these converters have been qualified
to enable Lambda Advanced Analog to deliver
compliant devices. Four screening grades are
available to satisfy a wide range of requirements.
The CH grade converters are fully compliant to
MIL-PRF-38534 class H. The HB grade
converters are processed to full MIL-PRF-38534
screening but do not have class H element
evaluation as required by MIL-PRF-38534. Two
grades are fully tested and operate over the full
military temperature range without derating of
output power. Industrial and commercial grades
are also available. Variations in electrical,
mechanical and screening can be accommodated.
Extensive computer simulation using complex
modeling enables rapid design modification to be
provided. Contact Lambda Advanced Analog with
specific requirements.
FEATURES
s 16 - 40 VDC input range
(28 VDC nominal)
s Single and dual outputs
s 12 watts output power
s 22.8 W/in3 power density
s Low input/output noise
(50 mA/60 mV p-p max. respectively)
s Indefinite short circuit and overload
protection
s Wideband control loop for superior
transient characteristics
s No derating for -55°C to +125°C
operation
s Constant switching frequency
(550 kHz nominal)


Similar Part No. - AHF2805DF/CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF2805DF/CH IRF-AHF2805DF/CH Datasheet
148Kb / 17P
28V Input, Single and Dual Output
AHF2805DF/CH IRF-AHF2805DF/CH Datasheet
230Kb / 19P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHF2805DF/CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800D VPT-DVFL2800D Datasheet
590Kb / 28P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0510S VPT-DVPL0510S Datasheet
489Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0520S VPT-DVPL0520S Datasheet
772Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com