Electronic Components Datasheet Search
  English  ▼

X  

1869664 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1869664
Description  PCB terminal block - MKDSN 1,5/ 2-5,08 BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1869664 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1869664 Datasheet HTML 1Page - PHOENIX CONTACT 1869664 Datasheet HTML 2Page - PHOENIX CONTACT 1869664 Datasheet HTML 3Page - PHOENIX CONTACT 1869664 Datasheet HTML 4Page - PHOENIX CONTACT 1869664 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1869664
10.10.2012   Page 1 / 5
PCB terminal block - MKDSN 1,5/ 2-5,08 BK - 1869664
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 400 V, Pitch: 5.08 mm, Number of
positions: 2, Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection
direction: 0 °, Color: black
 
Key commercial data
Packing unit
1
Minimum order quantity
50
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
8.1 mm
Pitch
5.08 mm
Dimension a
5.08 mm
Number of positions
2
Pin dimensions
0,5 x 1 mm
Hole diameter
1.3 mm
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
MKDSN 1,5
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Nominal cross section
1.5 mm²
Maximum load current
13.5 A


Similar Part No. - 1869664

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18696 VICOR-18696 Datasheet
83Kb / 1P
OUTLINE DRAWING, HUB2700-S/3300-S
logo
Festo Corporation.
18696 FESTO-18696 Datasheet
83Kb / 1P
Plug
logo
Vicor Corporation
18696-04 VICOR-18696-04 Datasheet
83Kb / 1P
OUTLINE DRAWING, HUB2700-S/3300-S
logo
PHOENIX CONTACT
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
More results

Similar Description - 1869664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1800881 PHOENIX-1800881 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2-5,08 BK
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
1907843 PHOENIX-1907843 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/12-5,08 BK
1989722 PHOENIX-1989722 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 H1L
1752007 PHOENIX-1752007 Datasheet
116Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 RD
11/04/2018
1548128 PHOENIX-1548128 Datasheet
341Kb / 10P
MKDSN 1,5/ 2-5,08 SPE - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com