Electronic Components Datasheet Search
  English  ▼

X  

30KP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30KP
Description  30KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30KP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
30KP160A
30KP160CA
160.0
2
178.70
192.00
5
252.6
118.8
30KP168A
30KP168CA
168.0
2
187.70
201.60
5
272.4
110.1
30KP170A
30KP170CA
170.0
2
189.90
204.00
5
275.0
109.1
30KP180A
30KP180CA
180.0
2
201.10
216.00
5
290.4
103.3
30KP198A
30KP198CA
198.0
2
221.20
237.60
5
319.8
93.8
30KP216A
30KP216CA
216.0
2
241.30
259.20
5
348.6
86.1
30KP240A
30KP240CA
240.0
2
268.10
288.00
5
387.0
77.5
30KP258A
30KP258CA
258.0
2
288.20
309.60
5
414.4
72.4
30KP260A
30KP260CA
260.0
2
290.40
312.00
5
416.0
72.1
30KP270A
30KP270CA
270.0
2
301.60
324.00
5
436.2
68.8
30KP280A
30KP280CA
280.0
2
312.80
336.00
5
464.0
64.7
30KP288A
30KP288CA
288.0
2
321.70
345.60
5
469.9
63.8
30KP400A
30KP400CA
400.0
2
447.00
494.00
5
648.0
46.3
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
3/5
30KP Series 30KW Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com