Electronic Components Datasheet Search
  English  ▼

X  

IXFT15N100Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT15N100Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT15N100Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT15N100Q Datasheet HTML 1Page - IXYS Corporation IXFT15N100Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C15
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
60
A
I
AR
T
C
= 25
°C15
A
E
AR
T
C
= 25
°C45
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
TO-247
1.13/10 Nm/lb.in.
TO-264
0.9/6 Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
TO-264
10
g
HiPerFETTM
Power MOSFETs
Q-Class
N-Channel Enhancement Mode
Avalanche Rated,
Low Q
g, High dv/dt
Features
IXYS advanced low
Q
g process
International standard packages
Epoxy meet UL 94 V-0, flammability
classification
Low R
DS (on) low Q
g
Avalanche energy and current rated
Fast intrinsic rectifier
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
1000
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
3.0
5.0
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±200
nA
I
DSS
V
DS
= V
DSS
T
J = 25°C50
µA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.7
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate
S = Source
TAB = Drain
98627A (9/01)
TO-247 AD (IXFH)
(TAB)
TO-268 (D3) ( IXFT)
G
S
TO-264 AA (IXFK)
S
G
D
D (TAB)
IXFH 15N100Q
IXFK 15N100Q
IXFT 15N100Q
V
DSS
= 1000 V
I
D25
=
15 A
R
DS(on)
=
0.7
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
Preliminary data sheet


Similar Part No. - IXFT15N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
More results

Similar Description - IXFT15N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
HiPerFET Power MOSFETs Q Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com