Electronic Components Datasheet Search
  English  ▼

X  

PTH12020W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020W
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020W Datasheet(HTML) 3 Page - Texas Instruments

  PTH12020W Datasheet HTML 1Page - Texas Instruments PTH12020W Datasheet HTML 2Page - Texas Instruments PTH12020W Datasheet HTML 3Page - Texas Instruments PTH12020W Datasheet HTML 4Page - Texas Instruments PTH12020W Datasheet HTML 5Page - Texas Instruments PTH12020W Datasheet HTML 6Page - Texas Instruments PTH12020W Datasheet HTML 7Page - Texas Instruments PTH12020W Datasheet HTML 8Page - Texas Instruments PTH12020W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
over operating free-air temperature range unless otherwise noted (1)
UNIT
Vtrack
Track input
–0.3V to VI +0.3 V
Vinh
Inhibit control input
–0.3Vto7V
TA
Operating temperature
Over VI Range
–40°C to 85°C
range
Surface temperature of module body or pins
PTH12020WAH
260°C (2)
Twave
Wave solder temperature
(5 seconds)
PTH12020WAS
235°C (2)
Treflow Solder reflow temperature Surface temperature of module body or pins
PTH12020WAZ
260°C (2)
Tso
Storage temperature
–40°C to 125°C
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 Sine, mounted
500 G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20 G
Weight
7 grams
Flammability
Meets UL 94V-O
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
TA =25°C, VI =12 V, VO = 3.3 V, CI = 560 µF, CO =0 µF, and Io =Iomax) (unless otherwise noted)
PTH12020W
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
60°C, 200 LFM airflow
0
18(1)
IO
Output current
A
25°C, natural convection
0
18(1)
Vin
Input voltage range
Over Io range
10.8
13.2
V
Votol
Set-point voltage tolerance
±2(2)
%Vo
∆Regtemp
Temperature variation
–40°C<TA <85°C
±0.5
%Vo
∆Regline
Line regulation
Over Vin range
±5
mV
∆Regload
Load regulation
Over Io range
±5
mV
∆Regtot
Total output variation
Includes set-point, line, load, –40°C ≤ TA≤ 85°C
±3(2)
%Vo
∆Vadj
Output voltage adjust range
Over Vin range
1.2
5.5
V
RSET = 280 Ω,Vo = 5.0 V
95%
RSET =2.0 kΩ,Vo = 3.3 V
93%
RSET =4.32kΩ,Vo = 2.5 V
92%
η
Efficiency
IO =12A
RSET = 11.5 kΩ,Vo = 1.8 V
90%
RSET = 24.3 kΩ,Vo = 1.5 V
88%
RSET = open ckt., Vo = 1.2 V
86%
Vo ≤ 2.5 V
32
mVpp
Vr
Transient response
20 MHz bandwidth
Vo > 2.5 V
1
%Vo
Io trip
Over-current threshold
Reset, followed by auto-recovery
30
A
ttr
Recovery time
70
µSec
1 A/µs load step, 50 to
Transient response
100% Iomax,Cout =330 µF
∆Vtr
Vo over/undershoot
70
mV
∆Vomargin
Margin up/down adjust
±5%
IIL margin
Margin input current (pins 9 /10)
Pin to GND
–8 (3)
µA
IIL track
Track input current (pin 8)
Pin to GND
–0.13 (3)
mA
dVtrack/dt
Track slew rate capability
Cout≤ Cout(max)
1V/ms
(1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C or better temperature stability.
(3) A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com