Electronic Components Datasheet Search
  English  ▼

X  

MBP41 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MBP41
Description  High Current Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MBP41 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MBP41 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MBP41 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
MBP41K600-60A
60±25%
100
0.01
6000
MBP41K800-30A
80±25%
100
0.04
3000
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Chip Size
A
4.50±0.20
B
1.60±0.20
C
1.60±0.20
D
0.50±0.30
Units: mm
High Current Ferrite Chip Bead(Lead Free)
MBP41-Series
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. Suitable for reflow soldering.
4. Shapes and dimensions follow E.I.A. spec.
5. Available in various sizes.
6. Excellent solder ability and heat resistance.
7. High reliability.
8.100% Lead(Pb) & Halogen-Free and RoHS compliant.
9. Low DC resistance structure of electrode to prevent wasteful electric power consumption.
10. Operating Temperature: -55~+125℃(Including self-temperature rise)
Halogen-free
Halogen
MBP
41
K
-
600
-
60
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
Lead Free Material
D: Impedance
600=60Ω
E: Rated Current
60=6000mA
F: Category Code


Similar Part No. - MBP41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBP40 ETC1-MBP40 Datasheet
116Kb / 1P
Micro Power Resistors
MBP40A100KI ETC1-MBP40A100KI Datasheet
116Kb / 1P
Micro Power Resistors
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP43K121-50A TAI-TECH-MBP43K121-50A Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP43K151-50A TAI-TECH-MBP43K151-50A Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
More results

Similar Description - MBP41

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP21 TAI-TECH-MBP21 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP18 TAI-TECH-MBP18 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP15 TAI-TECH-MBP15 Datasheet
76Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB2012 TAI-TECH-HCB2012 Datasheet
98Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com