Electronic Components Datasheet Search
  English  ▼

X  

MBP31 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MBP31
Description  High Current Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MBP31 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MBP31 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MBP31 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
MBP31K300-30A
30±25%
100
0.04
3000
MBP31K600-30A
60±25%
100
0.04
3000
MBP31K121-20A
120±25%
100
0.10
2000
MBP31K221-20A
220±25%
100
0.10
2000
MBP31K301-10A
300±25%
100
0.20
1000
MBP31K601-20A
600±25%
100
0.10
2000
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Chip Size
A
3.20±0.20
B
1.60±0.20
C
1.10±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. Suitable for reflow soldering.
4. Shapes and dimensions follow E.I.A. spec.
5. Available in various sizes.
6. Excellent solder ability and heat resistance.
7. High reliability.
8.100% Lead(Pb) & Halogen-Free and RoHS compliant.
9. Low DC resistance structure of electrode to prevent wasteful electric power consumption.
10. Operating Temperature: -55~+125℃(Including self-temperature rise)
High Current Ferrite Chip Bead(Lead Free)
MBP31-Series
Halogen-free
Halogen
MBP
31
K
-
121
-
20
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
Lead Free Material
D: Impedance
121=120Ω
E: Rated Current
20=2000mA
F: Category Code


Similar Part No. - MBP31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBP30 ETC1-MBP30 Datasheet
116Kb / 1P
Micro Power Resistors
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
Low stand-by power consumption
MBP300-2A27D27220 MORNSUN-MBP300-2A27D27220 Datasheet
877Kb / 5P
300W, 165 - 264VAC Input, Dual output AC/DC battery charging module power supply
MBP300-2A27D27M MORNSUN-MBP300-2A27D27M Datasheet
913Kb / 6P
300W,165 - 264VAC Input, AC/DC battery charging module power supply
More results

Similar Description - MBP31

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP41 TAI-TECH-MBP41 Datasheet
74Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP21 TAI-TECH-MBP21 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP18 TAI-TECH-MBP18 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP15 TAI-TECH-MBP15 Datasheet
76Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB2012 TAI-TECH-HCB2012 Datasheet
98Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com