Electronic Components Datasheet Search
  English  ▼

X  

PTH12020LAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAS
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH12020LAS Datasheet HTML 9Page - Texas Instruments PTH12020LAS Datasheet HTML 10Page - Texas Instruments PTH12020LAS Datasheet HTML 11Page - Texas Instruments PTH12020LAS Datasheet HTML 12Page - Texas Instruments PTH12020LAS Datasheet HTML 13Page - Texas Instruments PTH12020LAS Datasheet HTML 14Page - Texas Instruments PTH12020LAS Datasheet HTML 15Page - Texas Instruments PTH12020LAS Datasheet HTML 16Page - Texas Instruments PTH12020LAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
Features of the PTH Family of Non-Isolated Wide Output Adjust Power Modules
POLA™ Compatibility
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
Table 4. Output Voltage Set-Point Resistor Values (continued)
PTH12020W
PTH12020L
VOUT
RSET
VOUT
RSET
VOUT
RSET
2.15
6.60 kΩ
4.50
604 Ω
1.425
4.93 kΩ
2.20
6.18 kΩ
4.60
533 Ω
1.450
4.44 kΩ
2.25
5.80 kΩ
4.70
466 Ω
1.475
3.98 kΩ
2.30
5.45 kΩ
4.80
402 Ω
1.50
3.56 kΩ
2.35
5.14 kΩ
4.90
342 Ω
1.55
2.8 kΩ
2.40
4.85 kΩ
5.00
285 Ω
1.60
2.13 kΩ
2.45
4.58 kΩ
5.10
231 Ω
1.65
1.54 kΩ
2.50
4.33 kΩ
5.20
180 Ω
1.70
1.02 kΩ
2.55
4.11 kΩ
5.30
131 Ω
1.75
551 Ω
2.60
3.89 kΩ
5.40
85 Ω
1.80
130 Ω
2.65
3.70 kΩ
5.50
41 Ω
The PTH/PTV family of non-isolated, wide-output adjustable power modules from Texas Instruments are
optimized for applications that require a flexible, high performance module that is small in size. Each of these
products are POLA™ compatible. POLA-compatible products are produced by a number of manufacturers, and
offer customers advanced, non-isolated modules with the same footprint and form factor. POLA parts are also
assured to be interoperable, thereby providing customers with true second-source availability.
From the basic, Just Plug it In functionality of the 6-A modules, to the 30-A rated feature-rich PTHxx030, these
products were designed to be very flexible, yet simple to use. The features vary with each product. Table 5
provides a quick reference to the features by product series and input bus voltage.
Table 5. Operating Features by Series and Input Bus Voltage
Adjust
On/Off
Over-
Pre-Bias
Auto-
Margin
Output
Thermal
Series
Input Bus
IOUT
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
3.3V
6A
••
•
•
•
PTHxx050
5 V
6 A
••
•
•
•
12 V
6 A
••
•
•
•
3.3V/5 V
10A
•
•
••
•••
PTHxx060
12 V
8 A
•
•
••
•••
3.3V/5 V
15A
•
•
••
•••
PTHxx010
12 V
12 A
•
•
••
•••
5V
8A
••
•
•
•
•
PTVxx010
12 V
8 A
••
•
•
•
•
3.3V/5 V
22A
•
•
••
•••
•
PTHxx020
12 V
18 A
•
•
••
•••
•
5V
18 A
••
•
•
•
•
•
PTVxx020
12 V
16 A
••
•
•
•
•
•
3.3V/5 V
30A
•
•
••
•••
•
PTHxx030
12 V
26 A
•
•
••
•••
•
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com