Electronic Components Datasheet Search
  English  ▼

X  

FCM2012 Datasheet(PDF) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FCM2012
Description  Ferrite Chip Bead(Lead Free)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FCM2012 Datasheet(HTML) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FCM2012 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-TECH
www.tai-tech.com.tw
Impedance Frequency Characteristics(Typical)
1
10
100
1000
FREQUENCY(MHz)
0
10
20
30
40
FCM2012KF-110T09
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
10
20
30
40
FCM2012KF-170T06
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
20
40
60
FCM2012KF-260T06
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
20
40
60
80
FCM2012KF-300T06
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
20
40
60
80
100
FCM2012KF-400T06
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
30
60
90
120
150
180
FCM2012KF-600T09
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
FCM2012KF-121T08
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
FCM2012KF-151T08
Z
R
X
110
100
1000
FREQUENCY(MHz)
0
100
200
300
400
FCM2012KF-221T07
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
FCM2012KF-301T07
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
1000
FCM2012KF-471T07
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
1000
FCM2012KF-601T05
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
400
800
1200
1600
2000
FCM2012KF-102T04
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
400
800
1200
1600
2000
FCM2012HF-102T04
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
500
1000
1500
2000
2500
3000
FCM2012HF-152T03
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
500
1000
1500
2000
2500
3000
FCM2012HF-202T02
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
10
20
30
40
FCM2012NF-070T06
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
30
60
90
120
FCM2012CF-300T07
Z
R
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com