Electronic Components Datasheet Search
  English  ▼

X  

STW130NS04ZB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW130NS04ZB
Description  N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW130NS04ZB Datasheet(HTML) 1 Page - STMicroelectronics

  STW130NS04ZB Datasheet HTML 1Page - STMicroelectronics STW130NS04ZB Datasheet HTML 2Page - STMicroelectronics STW130NS04ZB Datasheet HTML 3Page - STMicroelectronics STW130NS04ZB Datasheet HTML 4Page - STMicroelectronics STW130NS04ZB Datasheet HTML 5Page - STMicroelectronics STW130NS04ZB Datasheet HTML 6Page - STMicroelectronics STW130NS04ZB Datasheet HTML 7Page - STMicroelectronics STW130NS04ZB Datasheet HTML 8Page - STMicroelectronics STW130NS04ZB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
February 2005
STP130NS04ZB
STB130NS04ZB - STW130NS04ZB
N-CHANNEL CLAMPED - 7 m
Ω - 80A TO-220/D²PAK/TO-247
FULLY PROTECTED MESH OVERLAY™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 7 mΩ
s
100% AVALANCHE TESTED
s
LOW CAPACITANCE AND GATE CHARGE
s
175°C MAXIMUM JUNCTION TEMPERATURE
DESCRIPTION
This fully clamped MOSFET is produced by using
the latest advanced Company’s Mesh Overlay
process which is based on a novel strip layout.
The inherent benefits of the new technology cou-
pled with the extra clamping capabilities make this
product particularly suitable for the harshest oper-
ation conditions such as those encountered in the
automotive environment .Any other application re-
quiring extra ruggedness is also recommended.
APPLICATIONS
s
HIGH SWITCHING CURRENT
s
LINEAR APPLICATIONS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STP130NS04ZB
STB130NS04ZB
STW130NS04ZB
CLAMPED
CLAMPED
CLAMPED
< 9 m
Ω
< 9 m
Ω
< 9 m
Ω
80 A
80 A
80 A
1
2
3
TO-220
D²PAK
1
3
1
2
3
TO-247
Sales Type
Marking
Package
Packaging
STP130NS04ZB
P130NS04ZB
TO-220
TUBE
STB130NS04ZBT4
B130NS04ZB
D²PAK
TAPE & REEL
STW130NS04ZB
W130NS04ZB
TO-247
TUBE
Rev. 2


Similar Part No. - STW130NS04ZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
More results

Similar Description - STW130NS04ZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NS25Z STMICROELECTRONICS-STP22NS25Z Datasheet
449Kb / 10P
N-CHANNEL 250V - 0.13ohm - 22A TO-220/D2PAK Zener-Protected MESH OVERLAY™ MOSFET
Jan-2002
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Dec-1999
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY™ MOSFET
Nov-2002
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Dec-1999
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Mar-2004
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
02-Oct-2006
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
04-Oct-2006
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
06-Jun-2006
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
May-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com