Electronic Components Datasheet Search
  English  ▼

X  

MCL6 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MCL6
Description  GENERAL PURPOSE MIDGET CLASS MCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL6 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCL6 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL6 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL6 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL6 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL6 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Edison Fuses - Accessories and Cross Reference Guide
Power Products
26–65
www .aut oma tiondir ect.com/po w e r andacce ssorie s
CROSS REFERENCE GUIDE By manufacturers type reference or series number.
Ampere ratings must be added for ordering purposes.
VOLT EDISON
BRUSH/
DORMAN
BUSSMANN FERRAZ GEC/CEFCO GOULD
LITTELFUSE
UL CLASS CURRENT LIMITING FUSES (CSA CLASS)
CC (HRCI-CC)
Time Delay
600
EDCC
—
LP-CC
ATDR
—
ATDR
CCMR
Time Delay
600
HCTR
—
FNQ-R
ATQR
—
ATQR
KLDR
Fast Acting
600
HCLR
HCLR
KTK-R
ATMR
CTK-R
ATMR
KLKR
UL CLASS GENERAL PURPOSE FUSES
Midget
Fast Acting
600
EBS
EBS
BBS
SBS
—
SBS
BLS
600
MCL
MCL
KTK
ATM
CTK
ATM
KLK
250
MOL
MOL
BAF/BAN
OTM
—
OTM
BLF
Midget
Time Delay
500
MEQ
MEQ
FNQ
ATQ
—
ATQ
FLQ
250
MEN
MEN
FNM
TRM
—
TRM
FLM
Fuse Puller
Fuse Puller FP-2
old - 38072
new - FP-2
FP-2
EDISON FUSES – ACCESSORIES
EDISON FUSES – CROSS REFERENCE GUIDE
Accessories
Part
Number
Description
Pcs/Pkg
Price
FP-2
Fuse puller for fuse dia. 13/32” - 13/16”. Fuse type: 0-60A, 250V; 0-30A, 600V
1 pc/pkg
<--->
AL-D
Plastic connection link for connecting 2 poles of CHM or CHCC holders.
2 links required per connection.
12 pcs/pkg
<--->
CH810-HP
Metal handle pins for connecting 2 poles of CHM or CHCC holders.
1 pin required per connection.
12 pcs/pkg
<--->
AL-D
CH810-HP
FP2
AL-D
CH810-HP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com