Electronic Components Datasheet Search
  English  ▼

X  

FCI2012 Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FCI2012
Description  Ferrite Chip Inductor(Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FCI2012 Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FCI2012 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FCI2012 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. FCI2012 Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Thickness
Inductance(uH)
Q
Rated Current
DCR
SRF
Part Number
C size(mm)
Tolerance
Test
Frequency (Hz)
min.
Test Frequency
(MHz)
(mA) max.
(Ω) max.
(MHz) min.
FCI2012F-1R0□
0.85±0.20
1.0
60mV / 10M
45
10
50
0.40
75
FCI2012F-1R5□
0.85±0.20
1.5
60mV / 10M
45
10
50
0.50
60
FCI2012F-1R8□
0.85±0.20
1.8
60mV / 10M
45
10
50
0.60
55
FCI2012F-2R2□
0.85±0.20
2.2
60mV / 10M
45
10
30
0.65
50
FCI2012F-2R7□
1.25±0.20
2.7
60mV / 10M
45
10
30
0.75
45
FCI2012F-3R3□
1.25±0.20
3.3
60mV / 10M
45
10
30
0.80
41
FCI2012F-4R7□
1.25±0.20
4.7
60mV / 10M
45
10
30
1.00
35
FCI2012F-100□
1.25±0.20
10.0
60mV / 2M
45
2
15
1.15
24
NOTE: □:TOLERANCE
K=±10%, L=±15%, M=±20%
●
Rated current: based on temperature rise test
●
In compliance with EIA 595



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com