Electronic Components Datasheet Search
  English  ▼

X  

MCL20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCL20
Description  GENERAL PURPOSE MIDGET CLASS MCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCL20 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL20 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL20 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL20 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Edison Fuses - Fuse Block Specifications
Power Products
26–63
www .aut oma tiondir ect.com/po w e r andacce ssorie s
EDISON FUSES – FUSE BLOCKS
BC Series Fuseblocks
Part
Number
Amps
Poles AWG
Pcs/
Pkg
Wt.
(lbs.)
Price
BC6031PQ
1 to 30
1
18 - 8
10/1
0.1
$38.00
BC6032PQ
2
8/1
0.16
$46.00
BC6033PQ
3
6/1
0.22
$46.00
BM Series Fuseblocks
Part
Number
Amps
Poles AWG
Pcs/
Pkg
Wt.
(lbs.)
Price
BM6031PQ
1 to 30
1
18 - 8
10/1
0.1
$29.00
BM6032PQ
2
8/1
0.16
$38.00
BM6033PQ
3
6/1
0.22
$38.00
Description
These panel-mount fuse blocks are for use
with Class CC Fuses (Edison EDCC,
HCTR and HCLR).
Specifications
Terminal type: Pressure plate with quick
disconnect
Base: Thermoplastic
Clips: Bright tin-plated bronze
UL Flammability: 94V0
Ratings: 600 VAC, 30 Amps
Agency Approvals
• UL listed to 512 , Guide IZLT, File 14853
• CSA C22.2 No. 39 Class 6225-01, File LR47235
• CE Compliant
Description
These panel-mount fuse blocks are for use
with any 13/32” x 1-1/2” Class M Fuses
(Edison MCL, MEQ, MEN and MOL).
Specifications
Terminal type: Pressure plate with quick
disconnect
Base: Thermoplastic
Clips: Bright tin-plated bronze
UL Flammability: 94V-0
Ratings: 600 VAC, 30 Amps
Agency Approvals
• UL Recognized to 512, Guide IZLT2, File 14853
• CSA C22.2, No.39, Class 6225-01, File 47235
CROSS REFERENCE
EDISON
OLD EDISON BUSSMANN GOULD LITTELFUSE
BM6031PQ
EM631-44
BM6031PQ
30321
L60030M-1PQ
BM6032PQ
EM632-44
BM6032PQ
30322
L60030M-2PQ
BM6033PQ
EM633-44
BM6033PQ
30323
L60030M-3PQ
CROSS REFERENCE
EDISON
OLD EDISON BUSSMANN GOULD LITTELFUSE
BC6031PQ
EMR631-77
BC6031PQ
30321R
L60030C-1PQ
BC6032PQ
EMR632-77
BC6032PQ
30322R
L60030C-2PQ
BC6033PQ
EMR633-77
BC6033PQ
30323R
L60030C-3PQ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com