Electronic Components Datasheet Search
  English  ▼

X  

MCL25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCL25
Description  GENERAL PURPOSE MIDGET CLASS MCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCL25 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL25 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL25 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL25 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL25 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Edison Fuses - Fuse Block Specifications
Power Products
1-8 00-6 3 3-0 4 0 5
26–64
EDISON FUSES – FUSE BLOCK DIMENSIONS
1.625" + 0.015"
(41.28mm + 0.38mm)
1.625" + 0.015"
(41.28mm + 0.38mm)
R
BUSSMANN
COOPER INDUSTRIES
ST. LOUIS, MO 63178
MADE IN U.S.A.
75 C WIRE
200,000A RMS SYM
WITHSTAND RATING
Buss ®
BC6031PQ
30A 600V
CLASS CC
FUSES ONLY
CU ONLY
10 AWG
20 LBJN.
3.000" + 0.015"
(76.20mm + 0.38mm)
0.360"
(9.14mm)
1 POLE
0.828" + 0.015"
(21.03mm + 0.38mm)
0.200" + 0.003"
(5.08mm + 0.08mm)
0.200" + 0.003"
(5.08mm + 0.08mm)
0.425"
(10.80mm)
1.530"
(38.86mm)
0.200" + 0.003"
(5.08mm + 0.08mm)
2 POLE
0.425"
(10.80mm)
0.765"
(19.43mm)
3 POLE
1.210" + 0.015"
(30.73mm + 0.38mm)
0.42"
(10.7mm)
1.53"
(38.9mm)
0.42"
(10.7mm)
0.77"
(19.4mm)
3"
(76.2mm)
1.22"
(31.0mm)
1.5"
(38.1mm)
0.36"
(9.1mm)
0.86"
(21.8mm)
1.63"
(41.3mm)
2.38"
(60.3mm)
CC Class
Dimensions
M Class
Dimensions
One Pole
BM6031PQ
Two Pole
BM6032PQ
Three Pole
BM6033PQ
One Pole
BC6031PQ
Three Pole
BC6033PQ
Two Pole
BC6032PQ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com