Electronic Components Datasheet Search
  English  ▼

X  

NC5MBV Datasheet(PDF) 1 Page - Neutrik AG

Part # NC5MBV
Description  5 pole male XLR receptacle, grounding
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NC5MBV Datasheet(HTML) 1 Page - Neutrik AG

  NC5MBV Datasheet HTML 1Page - Neutrik AG NC5MBV Datasheet HTML 2Page - Neutrik AG NC5MBV Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NC5MBV
5 pole male XLR receptacle, grounding: separate ground contact
to mating connector shell and front panel, vertical PCB mount
Same as A series with exception of a metal mounting flange
featuring continuous circumferential ground contact to chassis
for best EMC practice.
Features & Benefits
Smallest XLR receptacles, highest packing density
•
Metal mounting flange featuring continuous
circumferential ground contact to chassis for best EMC
and RF protection
•
Housing flammability UL94HB
•
NC5MBV
1
/3


Similar Part No. - NC5MBV

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC5MBV-B NEUTRIK-NC5MBV-B Datasheet
97Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBV-SW NEUTRIK-NC5MBV-SW Datasheet
105Kb / 3P
5 pole male XLR receptacle, switching contacts, grounding
More results

Similar Description - NC5MBV

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC5MAV-SW NEUTRIK-NC5MAV-SW Datasheet
95Kb / 3P
5 pole male XLR receptacle, switching contacts, grounding
NC3MAHL NEUTRIK-NC3MAHL Datasheet
87Kb / 3P
3 pole male XLR receptacle, grounding
NC3MAHR NEUTRIK-NC3MAHR Datasheet
93Kb / 3P
3 pole male XLR receptacle, grounding
NC5MBH NEUTRIK-NC5MBH Datasheet
98Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBH-B NEUTRIK-NC5MBH-B Datasheet
96Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBV-B NEUTRIK-NC5MBV-B Datasheet
97Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBV-SW NEUTRIK-NC5MBV-SW Datasheet
105Kb / 3P
5 pole male XLR receptacle, switching contacts, grounding
NC3MAAH NEUTRIK-NC3MAAH Datasheet
87Kb / 3P
3 pole male XLR receptacle, grounding
NC3MBHR NEUTRIK-NC3MBHR Datasheet
105Kb / 3P
3 pole male XLR receptacle, grounding
NC3MBV-E NEUTRIK-NC3MBV-E Datasheet
98Kb / 3P
3 pole male XLR receptacle, grounding
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com