Electronic Components Datasheet Search
  English  ▼

X  

HER2002CS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # HER2002CS
Description  20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER2002CS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  HER2002CS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER2002CS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB open metal package
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB/TO-220-3L
Unit : inch (mm)
HER2001CS thru HER2008CS
Pb Free Plating Product
HER2001CS thru HER2008CS
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.10T
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Series
Tandem Polarity
Suffix "CA"
Suffix "CS"
Doubler
Tandem Polarity
Suffix "CD"
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
trr
ns
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0V DC.
Typical thermal resistance
1.5
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Maximum reverse recovery time (Note 2)
50
80
Typical junction capacitance (Note 3)
80
50
Maximum reverse current @ rated VR
TJ=25°C
IR
5.0
μA
TJ=125°C
100
A
Maximum instantaneous forward voltage (Note 1)
@ 10 A(per leg)
VF
1.0
1.3
1.7
V
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
200
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
HER
2001CS
HER
2002CS
HER
2003CS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
HER
2007CS
HER
2008CS
UNIT
HER
2004CS
HER
2005CS
HER
2006CS
Maximum average forward rectified current(total device)
20


Similar Part No. - HER2002CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER2002C THINKISEMI-HER2002C Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER2002CA THINKISEMI-HER2002CA Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2002CA THINKISEMI-HER2002CA Datasheet
260Kb / 2P
20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2002CD THINKISEMI-HER2002CD Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2002CL THINKISEMI-HER2002CL Datasheet
261Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
More results

Similar Description - HER2002CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER2001CTA THINKISEMI-HER2001CTA Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2001CTS THINKISEMI-HER2001CTS Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2001G THINKISEMI-HER2001G Datasheet
621Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER2001GA THINKISEMI-HER2001GA Datasheet
621Kb / 2P
20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2001GD THINKISEMI-HER2001GD Datasheet
621Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2001GS THINKISEMI-HER2001GS Datasheet
621Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2001S THINKISEMI-HER2001S Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2002CL THINKISEMI-HER2002CL Datasheet
261Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER2002FCL THINKISEMI-HER2002FCL Datasheet
273Kb / 2P
20.0 Ampere Insulated Dual Series Connection High Efficiency Rectifiers
HER2002PL THINKISEMI-HER2002PL Datasheet
273Kb / 2P
20.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com