Electronic Components Datasheet Search
  English  ▼

X  

C3020003 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # C3020003
Description  Anchor, Tool, Expanding Bar - 10ft
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

C3020003 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  C3020003 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Style
Fiberglass Handle and Tamper Head
Type
Anchor/Pile Installation Tools
UPC
096359014805
Dimensions
Length
120.0 in
Weight
29.400 lb
Logistics
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Tool, Expanding
Bar - 10ft
by CHANCE Utility
Catalog ID: C3020003
Expanding Anchor and Tamping Bar with fiberglass
handle 10' (3,048 mm) long.
The Chance fiberglass handle Expanding and Tamping
Bar simplifies the job of expanding anchors.


Similar Part No. - C3020003

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C3020004 HUBBELL-C3020004 Datasheet
363Kb / 1P
Anchor, Tool, Expanding Bar - 12ft
More results

Similar Description - C3020003

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C3020004 HUBBELL-C3020004 Datasheet
363Kb / 1P
Anchor, Tool, Expanding Bar - 12ft
C2000103 HUBBELL-C2000103 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 1in X 10ft Thimbleye
C2000101 HUBBELL-C2000101 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 1in X 10ft Twineye
15129 HUBBELL-15129 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1-1/4in X 10ft Twineye
7570 HUBBELL-7570 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Tripleye
6440 HUBBELL-6440 Datasheet
365Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Ovaleye
5370 HUBBELL-5370 Datasheet
367Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Twineye
5340 HUBBELL-5340 Datasheet
367Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Thimbleye
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 10ft
C1100440 HUBBELL-C1100440 Datasheet
362Kb / 1P
Anchor, Extension, SS150, X 10ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com